Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FJV4103RMTF Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FJV4103RMTF
Description  Switching circuit, Inverter, Interface circuit, Driver Circuit
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FJV4103RMTF Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FJV4103RMTF Datasheet HTML 1Page - Fairchild Semiconductor FJV4103RMTF Datasheet HTML 2Page - Fairchild Semiconductor FJV4103RMTF Datasheet HTML 3Page - Fairchild Semiconductor FJV4103RMTF Datasheet HTML 4Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
©2002 Fairchild Semiconductor Corporation
Rev. A, July 2002
Typical Characteristics
Figure 1. DC current Gain
Figure 3. Input Off Voltage
Figure 2. Input On Voltage
Figure 4. Power Derating
-1
-10
-100
-1000
-10
-100
-1000
VCE = - 5V
R1 = 22K
R2 = 22K
IC[mA], COLLECTOR CURRENT
-0.0
-0.4
-0.8
-1.2
-1.6
-2.0
-2.4
-10
-100
-1000
V
CE = - 5V
R
1 = 22K
R
2 = 22K
V
I(off)[V], INPUT OFF VOLTAGE
-0.1
-1
-10
-100
-1
-10
-100
VCE = - 0.3V
R1 = 22 K
R2 = 22 K
IC[mA], COLLECTOR CURRENT
025
50
75
100
125
150
175
0
40
80
120
160
200
240
280
Ta[
o
C], AMBIENT TEMPERATURE


Similar Part No. - FJV4103RMTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJV4103R FAIRCHILD-FJV4103R Datasheet
56Kb / 4P
   PNP Epitaxial Silicon Transistor
More results

Similar Description - FJV4103RMTF

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FJV3106RMTF FAIRCHILD-FJV3106RMTF Datasheet
94Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
FJX4002RTF FAIRCHILD-FJX4002RTF Datasheet
48Kb / 4P
   Switching circuit, Inverter, Interface circuit, Driver Circuit
logo
Toshiba Semiconductor
RN2201 TOSHIBA-RN2201 Datasheet
260Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN4983 TOSHIBA-RN4983 Datasheet
152Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1701 TOSHIBA-RN1701 Datasheet
258Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1107 TOSHIBA-RN1107 Datasheet
175Kb / 6P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN1401 TOSHIBA-RN1401 Datasheet
253Kb / 7P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A5 TOSHIBA-RN47A5_07 Datasheet
283Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
RN1110F TOSHIBA-RN1110F Datasheet
159Kb / 5P
   Switching, Inverter Circuit, Interface Circuit And Driver Circuit Applications
RN47A4 TOSHIBA-RN47A4_07 Datasheet
301Kb / 7P
   Switching, Inverter Circuit, Interface Circuit and Driver Circuit Applications.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com