Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RXXLD30 Datasheet(PDF) 5 Page - E-Tech Electronics LTD

Part # RXXLD30
Description  3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

RXXLD30 Datasheet(HTML) 5 Page - E-Tech Electronics LTD

  RXXLD30 Datasheet HTML 1Page - E-Tech Electronics LTD RXXLD30 Datasheet HTML 2Page - E-Tech Electronics LTD RXXLD30 Datasheet HTML 3Page - E-Tech Electronics LTD RXXLD30 Datasheet HTML 4Page - E-Tech Electronics LTD RXXLD30 Datasheet HTML 5Page - E-Tech Electronics LTD RXXLD30 Datasheet HTML 6Page - E-Tech Electronics LTD RXXLD30 Datasheet HTML 7Page - E-Tech Electronics LTD RXXLD30 Datasheet HTML 8Page - E-Tech Electronics LTD RXXLD30 Datasheet HTML 9Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
RXXLD30
Linear Integrated Circuit
UNISONICTECHNOLOGIESCO.,LTD
5
www.unisonic.com.tw
QW-R102-028,A
TEST CIRCUIT
Note :
: TO-220F-4, ( ): TO-220B
1
4
3
2
A
V
Vo
0.33μF
Vc
ID
Io
Ic
RL
47μF
+
VIN
(2)
(3)
(5)
(4)
A
A
Fig.1
1
4
3
2
V
+
+
Fig.2 For Ripple Rejection
VIN
0.33μF
47μF
Io
RL
ei
eo
f=120Hz
ei=0.5Vrms
VIN=5V(R33LD30)
7V(R05LD30)
11V(R09LD30)
14V(R12LD30)
Io=0.5A
RR=20log (ei/eo)
(2)
(3)
(5)
(4)
TYPICAL APPLICATION
1
4
3
2
VIN
VO
Cin
Co
+
ON/OFF signal
High or Open:Output ON
Low
:Output OFF
( ) : TO-220B
: TO-220F-4
(2)
(3)
(4)
(5)


Similar Part No. - RXXLD30

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RXXLD30 UTC-RXXLD30 Datasheet
104Kb / 9P
   3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
More results

Similar Description - RXXLD30

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
RXXLD30 UTC-RXXLD30 Datasheet
104Kb / 9P
   3A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
R33LD20 UTC-R33LD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
UR1220 UTC-UR1220 Datasheet
283Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ05RD21 SHARP-PQ05RD21_01 Datasheet
70Kb / 7P
   2.0A Output Type Low Power-Loss Voltage Regulator
logo
E-Tech Electronics LTD
RXXLD20 ETL-RXXLD20 Datasheet
383Kb / 11P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Unisonic Technologies
RXXLD20 UTC-RXXLD20_12 Datasheet
358Kb / 10P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
URXX20 UTC-URXX20 Datasheet
277Kb / 6P
   2A OUTPUT TYPE LOW POWER-LOSS VOLTAGE REGULATOR
logo
Sharp Corporation
PQ5EV3 SHARP-PQ5EV3 Datasheet
83Kb / 7P
   Large Output Current Type Low Power-Loss Voltage Regulator
PQ5EV3 SHARP-PQ5EV3_01 Datasheet
68Kb / 6P
   Large Output Current Type Low Power-Loss Voltage Regulator
PQ30RV31 SHARP-PQ30RV31_01 Datasheet
56Kb / 5P
   Variable Output Low Power-Loss Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com