Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ471 Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # 2SJ471
Description  Silicon P Channel DV-L MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ471 Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button 2SJ471 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 8Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 9Page - Hitachi Semiconductor 2SJ471 Datasheet HTML 10Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
2SJ471
9
Package Dimensions
Unit: mm
10.0
± 0.3
1.0
± 0.2
1.15
± 0.2
0.6
± 0.1
2.54
± 0.5
2.54
± 0.5
2.7
± 0.2
4.45
± 0.3
0.7
± 0.1
3.2
± 0.2
f
2.5
± 0.2
Hitachi Code
EIAJ
JEDEC
TO–220CFM


Similar Part No. - 2SJ471

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ471 RENESAS-2SJ471 Datasheet
83Kb / 7P
   Silicon P Channel DV-L MOS FET
2SJ471-E RENESAS-2SJ471-E Datasheet
83Kb / 7P
   Silicon P Channel DV-L MOS FET
More results

Similar Description - 2SJ471

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ479 HITACHI-2SJ479 Datasheet
38Kb / 7P
   Silicon P Channel DV-L MOS FET High Speed Power Switching
2SK2736 HITACHI-2SK2736 Datasheet
34Kb / 7P
   Silicon N Channel DV-L MOS FET High Speed Power Switching
2SK2684 HITACHI-2SK2684 Datasheet
51Kb / 10P
   Silicon N Channel DV-L MOS FET High Speed Power Switching
logo
Renesas Technology Corp
2SJ471 RENESAS-2SJ471 Datasheet
83Kb / 7P
   Silicon P Channel DV-L MOS FET
logo
Hitachi Semiconductor
2SJ484 HITACHI-2SJ484 Datasheet
43Kb / 9P
   Silicon P-Channel MOS FET High Speed Power Switching
2SJ517 HITACHI-2SJ517 Datasheet
43Kb / 8P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ534 HITACHI-2SJ534 Datasheet
52Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ544 HITACHI-2SJ544 Datasheet
54Kb / 9P
   Silicon P Channel MOS FET High Speed Power Switching
2SJ174 HITACHI-2SJ174 Datasheet
571Kb / 4P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
2SJ177 HITACHI-2SJ177 Datasheet
268Kb / 2P
   SILICON P-CHANNEL MOS FET HIGH SPEED POWER SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com