Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CVP33472-0445 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # CVP33472-0445
Description  MX150 Sealed Female Connector, Dual Row, 4 Circuits, Polarization D, with Connector Position Assurance, Stone Gray
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

CVP33472-0445 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  CVP33472-0445 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
33472-0445
Status:
Active
Overview:
MX150™ Sealed and Unsealed Connector System
Description:
MX150™ Sealed Female Connector, Dual Row, 4 Circuits, Polarization D, with
Connector Position Assurance, Stone Gray
Documents:
Drawing (PDF)
Application Specification AS-33472-100 (PDF)
Product Specification PS-33472-000 (PDF)
Application Specification AS-33611-001 (PDF)
Product Specification PS-34646-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Crimp Housings
Series
33472
Application
Power, Wire-to-Wire
Comments
with Connector Position Assurance (CPA)
More Detailed Tech Information
http://ewcap.uscarteams.org
Overview
MX150™ Sealed and Unsealed Connector System
Product Name
MX150™
UPC
884982055391
Physical
Circuits (maximum)
4
Circuits Detail
4
Color - Resin
Natural, Stone Gray
Gender
Female
Glow-Wire Compliant
No
Keying to Mating Part
Yes
Lock to Mating Part
Yes
Material - Resin
Modified Polystyrene Alloy
Net Weight
8.481/g
Number of Rows
2
Packaging Type
Bag
Panel Mount
No
Pitch - Mating Interface
3.50mm
Polarized to Mating Part
Yes
Stackable
No
Temperature Range - Operating
-40°C to +125°C
Electrical
Current - Maximum per Contact
22A
Material Info
Old Part Number
CVP33472-0445
Reference - Drawing Numbers
Application Specification
AS-33472-100, AS-33611-001
Product Specification
PS-33472-000, PS-34646-001
Sales Drawing
SD-33472-041
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
33472Series
Mates With
33482 Male Dual Row Sealed Connector
Use With
33012 MX150™ Female Terminal,
34345-0001 MX150™ Cavity Plug Sealed
This document was generated on 10/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - CVP33472-0445

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
CVP33472-0442 MOLEX11-CVP33472-0442 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Dual Row, 4 Circuits, Polarization B, with Connector Position Assurance, Light Gray
CVP33472-0443 MOLEX11-CVP33472-0443 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Dual Row, 4 Circuits, Polarization D, without Connector Position Assurance, Stone Gray
CVP33472-0444 MOLEX11-CVP33472-0444 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Dual Row, 4 Circuits, Polarization C, with Connector Position Assurance, Dark Gray
More results

Similar Description - CVP33472-0445

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
33472-0443 MOLEX11-33472-0443 Datasheet
59Kb / 1P
   MX150 Sealed Female Connector, Dual Row, 4 Circuits, Polarization D, without Connector Position Assurance, Stone Gray
0334721260 MOLEX1-0334721260 Datasheet
52Kb / 1P
   MX150 Sealed Female Connector, Dual Row, 12 Circuits, Polarization D, with Connector Position Assurance, Stone Gray
0334721770 MOLEX1-0334721770 Datasheet
52Kb / 1P
   MX150 Sealed Female Connector, Dual Row, 16 Circuits, Polarization D, with Connector Position Assurance, Stone Gray
0334724882 MOLEX1-0334724882 Datasheet
53Kb / 1P
   MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization D, with Connector Position Assurance, Stone Gray
0334721768 MOLEX1-0334721768 Datasheet
52Kb / 1P
   MX150 Sealed Female Connector, Dual Row, 16 Circuits, Polarization D, without Connector Position Assurance, Stone Gray
0334724880 MOLEX1-0334724880 Datasheet
52Kb / 1P
   MX150 Sealed Female Connector, Dual Row, 8 Circuits, Polarization D, without Connector Position Assurance, Stone Gray
0334721254 MOLEX1-0334721254 Datasheet
52Kb / 1P
   MX150 Sealed Female Connector, Dual Row, 12 Circuits, Polarization D, without Connector Position Assurance, Stone Gray
0334710540 MOLEX1-0334710540 Datasheet
52Kb / 1P
   MX150 Sealed Female Connector, Single Row, 5 Circuits, Polarization D, with Connector Position Assurance, Stone Gray
0334710209 MOLEX1-0334710209 Datasheet
52Kb / 1P
   MX150 Sealed Female Connector, Single Row, 2 Circuits, Polarization D, with Connector Position Assurance, Stone Gray
0334824104 MOLEX1-0334824104 Datasheet
52Kb / 1P
   MX150 Sealed Male Connector, Dual Row, 4 Circuits, Polarization D, without Connector Position Assurance, Stone Gray
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com