Electronic Components Datasheet Search |
|
CVP33471-0502 Datasheet(PDF) 1 Page - Molex Electronics Ltd. |
|
CVP33471-0502 Datasheet(HTML) 1 Page - Molex Electronics Ltd. |
|
1 / 1 page This document was generated on 10/10/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION Part Number: 33471-0502 Status: Active Overview: MX150™ Sealed and Unsealed Connector System Description: MX150™ Sealed Female Connector, Single Row, 5 Circuits, Polarization B, without Connector Position Assurance, Light Gray Documents: 3D Model Application Specification AS-33472-100 (PDF) Drawing (PDF) Application Specification AS-33611-001 (PDF) Product Specification PS-33471-000 (PDF) RoHS Certificate of Compliance (PDF) Product Specification PS-34646-001 (PDF) General Product Family Crimp Housings Series 33471 Application Power, Wire-to-Wire Comments No Connector Position Assurance (CPA) More Detailed Tech Information http://ewcap.uscarteams.org Overview MX150™ Sealed and Unsealed Connector System Product Name MX150™ UPC 756054494721 Physical Circuits (maximum) 5 Circuits Detail 5 Color - Resin Gray (Light), Natural Gender Female Glow-Wire Compliant No Keying to Mating Part Yes Lock to Mating Part Yes Material - Resin Modified Polystyrene Alloy Net Weight 10.324/g Number of Rows 1 Packaging Type Bag Panel Mount No Pitch - Mating Interface 3.50mm Polarized to Mating Part Yes Stackable No Temperature Range - Operating -40°C to +125°C Electrical Current - Maximum per Contact 22A Material Info Old Part Number CVP33471-0502 Reference - Drawing Numbers Application Specification AS-33472-100, AS-33611-001 Product Specification PS-33471-000, PS-34646-001 Sales Drawing SD-33471-051 Series image - Reference only EU RoHS China RoHS ELV and RoHS Compliant REACH SVHC Contains SVHC: No Low-Halogen Status Low-Halogen Need more information on product environmental compliance? Email productcompliance@molex.com For a multiple part number RoHS Certificate of Compliance, click here Please visit the Contact Us section for any non-product compliance questions. Search Parts in this Series 33471Series Mates With 33481 Male Single Row Sealed Connector Use With 33012 MX150™ Female Terminal, 34345-0001 MX150™ Cavity Plug Sealed This document was generated on 10/10/2014 PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION |
Similar Part No. - CVP33471-0502 |
|
Similar Description - CVP33471-0502 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |