Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST1433A Datasheet(PDF) 1 Page - Stanson Technology

Part # ST1433A
Description  P Channel Enhancement Mode MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STANSON [Stanson Technology]
Direct Link  http://www.stansontech.com
Logo STANSON - Stanson Technology

ST1433A Datasheet(HTML) 1 Page - Stanson Technology

  ST1433A Datasheet HTML 1Page - Stanson Technology ST1433A Datasheet HTML 2Page - Stanson Technology ST1433A Datasheet HTML 3Page - Stanson Technology ST1433A Datasheet HTML 4Page - Stanson Technology ST1433A Datasheet HTML 5Page - Stanson Technology ST1433A Datasheet HTML 6Page - Stanson Technology ST1433A Datasheet HTML 7Page - Stanson Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ST1433A
P Channel Enhancement Mode MOSFET
-3.0A
STANSON TECHNOLOGY
120 Bentley Square, Mountain View, Ca 94040 USA
www.stansontech.com
ST1433A 2005. V1
DESCRIPTION
ST1433A is the P-Channel logic enhancement mode power field effect transistor which is
produced using high cell density, DMOS trench technology.This high density process is
especially tailored to minimize on-state resistance.These devices are particularly suited for
low voltage application such as cellular phone and notebook computer power management,
other battery powered circuits, and low in-line power loss are required. The product is in a
very small outline surface mount package.
PIN CONFIGURATION
SOT-353 ( SC-70-5L )
FEATURE
-30V/-3.0A, RDS(ON) = 120m
@VGS = -10.0V
-30V/-2.5A, RDS(ON) = 135m
@VGS = -4.5V
-30V/-1.5A, RDS(ON) = 165m
@VGS = -2.5V
Super high density cell design for
extremely low RDS(ON)
Exceptional on-resistance and maximum
DC current capability
SOT-353 package design


Similar Part No. - ST1433A

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
ST143000 E-SWITCH-ST143000 Datasheet
229Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST143004 E-SWITCH-ST143004 Datasheet
119Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST143005 E-SWITCH-ST143005 Datasheet
156Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST143009 E-SWITCH-ST143009 Datasheet
214Kb / 1P
   ALL DIMENSIONS IN MM [INCH]
ST143D00 E-SWITCH-ST143D00 Datasheet
63Kb / 1P
   E-SWITCH ST143D00
More results

Similar Description - ST1433A

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com