Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GN809-20 Datasheet(PDF) 1 Page - E-Tech Electronics LTD

Part # GN809-20
Description   P r o c e s s o r S u p e r v i s o r y
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETL [E-Tech Electronics LTD]
Direct Link  http://e-tech.com.hk
Logo ETL - E-Tech Electronics LTD

GN809-20 Datasheet(HTML) 1 Page - E-Tech Electronics LTD

  GN809-20 Datasheet HTML 1Page - E-Tech Electronics LTD GN809-20 Datasheet HTML 2Page - E-Tech Electronics LTD GN809-20 Datasheet HTML 3Page - E-Tech Electronics LTD GN809-20 Datasheet HTML 4Page - E-Tech Electronics LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GN809
Page: 1/4
ISSUED DATE :2006/08/18
REVISED DATE :
G
G N
N 880099
P
P rr o
o cc ee ss ss o
o rr S
S u
u p
p ee rr vv ii ss o
o rr yy
Description
The GN809 family allows the user to customize the CPU reset function without any external components. The
user has a large choice of reset voltage thresholds and output driver configurations, all of which are preset at
the factory. Each wafer is trimmed to the customer’s specifications.
These circuits monitor the power supply voltage of up based systems. When the power supply voltage drops
below the voltage threshold a reset is asserted immediately (within an interval TD1). The reset remains asserted
after the supply voltage rises above the voltage threshold for a time interval, TD2. The reset output is active low
(RESETB). The reset output may be configured as either push/pull or open drain. The state of the reset output
is guaranteed to be correct for supply voltage greater than 1V.
Space saving SOT-23 package and micropower quiescent current (<3.0uA) make this family a natural for
portable battery powered equipment.
Features
Typical Operating Circuit
&Tight Voltage Threshold Tolerance ±1.5%
&Wide Temperature Range -40
to 80
:
:
&Low Quiescent Current <3.0uA
&Lead Free Products Meet RoHS standards
Applications
&Power Supplies
&Data Acquisition Systems
&Applications using CPUs
&Consumer Electronics
&Computer Peripherals
&Portable Electronics
Package Dimensions
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.70
3.10
G
1.90 REF.
B
2.40
2.80
H
1.00
1.30
C
1.40
1.60
K
0.10
0.20
D
0.35
0.50
J
0.40
-
E
0
0.10
L
0.85
1.15
F
0.45
0.55
M
0 C
10 C
Block Diagram
SOT-23
GN809
Note:* External pull-up resistor is required if
open-drain output is used. 10k is recommended.
GN809 with Push-Pull RESET


Similar Part No. - GN809-20

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GN809 GTM-GN809 Datasheet
370Kb / 4P
   UPROCESSOR SUPERVISORY
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com