Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9092-02 Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part No. ML9092-02
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ML9092-02 Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 61 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
61/66
Power-On Flowchart
Start
Make a setting for control register 1
Displaying of initial screen started
Setting complete
No
Yes
Is input of initial
screen data
complete ?
External reset or power-on reset
Make a setting for INC, WLS, KT, SHL, BE,
PE, DTY1, and DTY0.
Make a setting for port register A, port
register B, port register C, port register D, and
display data RAM according to specifications.
Turn on VDD
Turn on VIN
Input reset signal
Make a setting for registers
Wait till the liquid crystal driving
voltage stabilization time is reached
Set DISP of control register 2 to
“1”
Wait till the VOUT voltage stabilizes when the
voltage doubler is used.
Power-Off Flowchart
LCD driving state
Turn off VIN
Turn off VDD
[Caution]
 The lines between output pins, and between output pins and other pins (input pins, I/O pins or power supply
pins), should not be short circuited.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn