Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9092-02 Datasheet(PDF) 55 Page - List of Unclassifed Manufacturers

Part # ML9092-02
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9092-02 Datasheet(HTML) 55 Page - List of Unclassifed Manufacturers

Back Button ML9092-02 Datasheet HTML 51Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 52Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 53Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 54Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 55Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 56Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 57Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 58Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 59Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
55/66
Display Screen and Memory Address Allocation
The ML9092-01/02/03/04 has an internal display data RAM (60 bits by 10 bits) of a bitmap type.
The allocation of memory addresses varies according to the selected word length (6 bits or 8 bits) as shown in
Figure 10: 0 to 7 for selection of 8 bits per word or 0 to 9 for selection of 6 bits per word.
The X address 7 in the 6-bits/word mode has four display memory bits. The four bits (D7 to D4) starting from bit
D7 of the display data register are written in memory and the other bits (D3 to D0) are ignored.
Address Allocation in the 8-bits/word mode
Address Allocation in the 6-bits/word mode
0
1
2
7
0
1
9
(X address)
(D7)
(D0)
(8 bits)
(D7)
(D4)
(4 bits)
0
1
2
9
0
1
9
(X address)
(D5)
(D0)
(6 bits)
Figure 10 Display Memory Addresses
In the 8-bits/word mode, data to be displayed is written in display memory with the D7 data of the display data
register at address (Xn, Yn) and the D0 data at address (Xn + 7, Yn). Similarly, In the 6-bits/word mode, data to be
displayed is written in display memory with the D5 data of the display data register at address (Xn, Yn) and the D0
data at address (Xn + 5, Yn). See Figure 11.
Data “1” in display memory represents turning on the corresponding display segment and data “0” in display
memory represents turning off the corresponding display segment.
Note: In the ML9092-01, the X address range in the 8-bits/mode will be 0 to 6
0
0
0
0
11
1
1
1
Y line
Y0
Y1
Y9
Common
output
(COM1)
(COM2)
(COM10)
RAM for 60 dots by 10 dots display
(D7)
(D5)
(D0) For 8 bits per word
(D0) For 6 bits per word
Figure 11 Display Screen Bit Allocation and Memory Addresses


Similar Part No. - ML9092-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9092-02 OKI-ML9092-02 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-02 ETC2-ML9092-02 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-02 LAPIS-ML9092-02 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
OKI electronic componet...
ML9092-02TB OKI-ML9092-02TB Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
More results

Similar Description - ML9092-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9092-01 OKI-ML9092-01 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com