Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9092-02 Datasheet(PDF) 50 Page - List of Unclassifed Manufacturers

Part No. ML9092-02
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo ETC2 - List of Unclassifed Manufacturers

ML9092-02 Datasheet(HTML) 50 Page - List of Unclassifed Manufacturers

Back Button ML9092-02 Datasheet HTML 46Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 47Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 48Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 49Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 50Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 51Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 52Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 53Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 54Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
50/66
Functional Description of the Rotary Encoder Switch
As shown in Figure 3, the rotary encoder switch circuit is made up of phase detection circuit, an interrupt
generation circuit, an up/down counter and a parallel-in/serial-out register.
Phase detection circuit
UP DOWN
B
A
Up/down counter
Parallel in/serial out
shift register
Interrupt
generation circuit
To KREQ
Output data
Q4 Q3 Q2 Q1
Figure 3 Rotary Encoder Switch Circuit
1) Phase Detection and Interrupt Generation Circuits
1-1) Clockwise Rotation
When the A and B signals are input as shown in Figure 4, the phase detection circuit outputs the UP
signal after the chattering absorption period. At this time, the KREQ output goes to a high level, so
that this signal can be used as the interrupt signal. The KREQ signal maintains a high level until the
rotary encoder read instruction is executed.
UP (internal signal)
B
A
KREQ
Chattering absorption period
Figure 4 Input/Output Timing for Clockwise Rotation


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn