Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9092-02 Datasheet(PDF) 46 Page - List of Unclassifed Manufacturers

Part # ML9092-02
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9092-02 Datasheet(HTML) 46 Page - List of Unclassifed Manufacturers

Back Button ML9092-02 Datasheet HTML 42Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 43Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 44Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 45Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 46Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 47Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 48Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 49Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 50Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
46/66
 Port register C (PTC) set
D7
D6
D5
D4
D3
D2
D1
D0
PTC4
PTC3
PTC2
PTC1
PTC0
—: don’t care
The port register C set instruction sets the output of port C. (Applies to the ML9092-01 only.)
This register is enabled when a “L” level is applied to the KPS pin of ML9092-01 and the R0/C0 to R4/C4 pins are
set as port C.
When each bit of PTC4 to PTC0 is set to “1”, a “H” level is output from each of the R4/C4 to R0/C0 pins of the
general purpose port C. In the same way, when each bit of PTC4 to PTC0 is set to “0”, a “H” level is output from
each of the R4/C4 to R0/C0 pins. If the
RESET pin is pulled to a “L” level, the PE bit (bit D2) of the control
register is reset to “0”, this register is reset to “0”, and the R4/C4 to R0/C0 pins go to high impedance.
After the reset state is released, if the PTC4 to PTC0 bits of this register are set to “1” or “0” and then the PE bit is
set to “1”, the R4/C4 to R0/C0 pins are released from its high impedance state and a “H” or “L” level that
corresponds to the set status of each bit of PTC4 to PTC0, is output from the R4/C4 to R0/C0 pins.
 Port register D (PTD) set
D7
D6
D5
D4
D3
D2
D1
D0
PTD4
PTD3
PTD2
PTD1
PTD0
—: don’t care
The port register D set instruction sets the output of port D. (Applies to the ML9092-01 only.)
This register is enabled when a “L” level is applied to the KPS pin of ML9092-01 and the C0/D0 to C4/D4 pins are
set as port C.
When each bit of PTD4 to PTD0 is set to “1”, a “H” level is output from each of the C4/D4 to C0/D0 pins of the
general purpose port D. In the same way, when each bit of PTD4 to PTD0 is set to “0”, a “H” level is output from
each of the C4/D4 to C0/D0 pins. If the
RESET pin is pulled to a “L” level, the PE bit (bit D2) of the control
register is reset to “0”, this register is reset to “0”, and the C4/D4 to C0/D0 pins go to high impedance.
After the reset state is released, if the PTD4 to PTD0 bits of this register are set to “1” or “0” and then the PE bit is
set to “1”, the C4/D4 to C0/D0 pins are released from its high impedance state and a “H” or “L” level that
corresponds to the set status of each bit of PTD4 to PTD0, is output from the C4/D4 to C0/D0 pins.
 Control register 1 (FCR1)
D7
D6
D5
D4
D3
D2
D1
D0
INC
WLS
KT
SHL
BE
PE
DTY1
DTY0
(1) D7 (INC) Address increment direction
1: X direction address increment
0: Y direction address increment
This bit sets the address increment direction of the display RAM. The display RAM address is automatically
incremented by 1 every time data is written to the display data register. Writing a “1” to this bit sets “X address
increment,” and writing a “0” sets “Y address increment.” For further details regarding address incrementing,
refer to the page entitled “X, Y Address Counter Auto Increment.” This bit is set to “1” if the
RESET pin is pulled
to a “L” level.


Similar Part No. - ML9092-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9092-02 OKI-ML9092-02 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-02 ETC2-ML9092-02 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-02 LAPIS-ML9092-02 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
OKI electronic componet...
ML9092-02TB OKI-ML9092-02TB Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
More results

Similar Description - ML9092-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9092-01 OKI-ML9092-01 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com