Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML9092-02 Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # ML9092-02
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML9092-02 Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button ML9092-02 Datasheet HTML 34Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 35Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 36Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 37Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 38Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 39Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 40Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 41Page - List of Unclassifed Manufacturers ML9092-02 Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
38/66
Serial Interface Operation
 Instruction code
A register that transfers display data, key scan data, etc. according to the content of the instruction code is selected
(see below).
D7
D6
D5
D4
D3
D2
D1
D0
“1”
“1”
R/W
Register number
(1) D7, D6 (fixed at “1”)
When selecting the start byte register, always write a “1” to bits D7 and D6.
(2) D5 (R/W) (Read mode/write mode select bit)
1: Read mode is selected
0: Write mode is selected
(3) D4 to D0 (Register number)
The correspondence between the start byte contents and the registers and display data RAM is shown in the table
below.
D7
D6
D5
D4
D3
D2
D1
D0
Register name
1
1
0
1
0
0
0
0
Key scan register
1
1
1
1/0
0
0
0
1
Display data RAM
1
1
0
0
0
0
1
0
X address register
1
1
0
0
0
0
1
1
Y address register
1
1
0
0
0
1
0
0
Port A register
1
1
0
0
0
1
0
1
Port B register
1
1
0
0
0
1
1
0
Port C register
1
1
0
0
0
1
1
1
Port D register
1
1
0
0
1
0
0
0
Control register1
1
1
0
0
1
0
0
1
Control register 2
1
1
1
0
1
0
1
0
Rotary encoder register
1
1
0
0
1
0
1
1
Contrast ADJ register
1
1
0
0
1
1
0
0
PWM0 register
1
1
0
0
1
1
0
1
PWM1 register
1
1
0
0
1
1
1
0
PWM2 register


Similar Part No. - ML9092-02

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML9092-02 OKI-ML9092-02 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-02 ETC2-ML9092-02 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-02 LAPIS-ML9092-02 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
OKI electronic componet...
ML9092-02TB OKI-ML9092-02TB Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
More results

Similar Description - ML9092-02

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FEDL9092-01 ETC2-FEDL9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9092-01 OKI-ML9092-01 Datasheet
659Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
List of Unclassifed Man...
ML9092-01 ETC2-ML9092-01 Datasheet
612Kb / 66P
   LCD Driver with Key Scanner and RAM
logo
OKI electronic componet...
ML9090A OKI-ML9090A Datasheet
754Kb / 41P
   LCD Driver with Key Scanner and RAM
ML9090-01- OKI-ML9090-01- Datasheet
322Kb / 38P
   LCD Driver with Key Scanner and RAM
logo
LAPIS Semiconductor Co....
ML9092-01 LAPIS-ML9092-01 Datasheet
438Kb / 66P
   LCD Driver with Key Scanner
logo
Holtek Semiconductor In...
HT16LK24 HOLTEK-HT16LK24 Datasheet
2Mb / 67P
   RAM Mapping 67횞4/63횞8 LCD Driver with Key Scan
logo
New Japan Radio
NJU6435 NJRC-NJU6435 Datasheet
447Kb / 16P
   DUTY LCD DRIVER WITH KEY SCAN
logo
Ceramate Technical
CM2916 CERAMATE-CM2916 Datasheet
626Kb / 22P
   LCD Driver with Key Scan(4x8)
logo
Toshiba Semiconductor
TC9298F TOSHIBA-TC9298F Datasheet
806Kb / 20P
   LCD DRIVER WITH ON-CHIP KEY INPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com