Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9092-02 Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part No. ML9092-02
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ML9092-02 Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 32 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
32/66
Instruction Code List (ML9092-02/03)
Instruction Code
Data
No.
Instruction
Fixed bit R/W
Register No.
Description
D7 D6 D5 D4 D3
D2
D1
D0
D7
D6
D5
D4
D3
D2
D1
D0
0
Key scan register read
1
1
1
0
0
0
0
0
ST2
ST1
ST0
0
S3
S2
S1
S0
Reads scan read timing bits (ST0 to ST2) and key scan
data (S0 to S4) of the key scan register.
1
Display data RAM write
1
1
0
0
0
0
0
1
D7
D6
D5
D4
D3
D2
D1
D0
1
Display data RAM read
1
1
1
0
0
0
0
1
D7
D6
D5
D4
D3
D2
D1
D0
2
X address register set
1
1
0
0
0
0
1
0
X3
X2
X1
X0 Sets the X address (X0 to X3) of the display data RAM.
3
Y address register set
1
1
0
0
0
0
1
1
Y3
Y2
Y1
Y0 Sets the Y address (Y0 to Y3) of the display data RAM.
4
Port register A set
1
1
0
0
0
1
0
0
PTA0 Controls the output of the general-purpose port A (PTA0).
8 Control register 1 set
1
1
0
0
1
0
0
0
INC
WLS
KT
SHL
(BE)
PE
DTY1 DTY0
Sets the address increment X or Y direction (INC), display
data word length (WLS), key scan time (KT), common
driver shift direction (SHL), voltage doubler control (BE)
(only applies to ML9092-02), port control (PE), and display
duty (DTY0, DTY1).
9
Control register 2 set
1
1
0
0
1
0
0
1
0
0
0
0
0
0
(STB) DISP
Sets or releases standby mode (only applies to ML9092-
03) and also sets display ON/OFF (DISP).
A
Rotary encoder read
1
1
1
0
1
0
1
0
Q4
Q4
Q4
Q4
Q4
Q3
Q2
Q1 Reads the counter bits (Q1 to Q4) of the rotary encoder.
B
Contrast ADJ set
1
1
0
0
1
0
1
1
CT3
CT2
CT1
CT0
Sets contrast adjustment values with the contrast
adjustment bits (CT0 to CT3).
F
Test register set
1
1
0
0
1
1
1
1
T5
T4
T3
T2
T1
Test instruction exclusively used by manufacturer (T1 to
T5). Customers should not use this instruction.
Writes display data (D0 to D7) in the display data RAM
after setting the X address of Y address.
Reads display data (D0 to D7) from the display data RAM
after setting the X address of Y address.
Notes:
R/W
: Read/write select bit
1:Read, 0: Write
ST0 to ST2
: Key scan read count display bits
S0 to S3
: Key scan data
D0 to D7
: Write or read data of the display data RAM
X0 to X3
: X addresses of the display data RAM
Y0 to Y3
: Y addresses of the display data RAM
PTA0
: Port A data
INC
: Display data RAM address increment. 1: X direction, 0: Y direction
WLS
: Word length select bit
1: 6 bits, 0: 8 bits
KT
: Key scan period select bit
1: 10 ms, 0: 0.5 ms
SHL
: Common driver shift direction select bit
1: COM10
COM1, 0: COM1COM10
BE (only applies to ML9092-02)
: Voltage doubler control bit
1: Voltage doubler enable
0: Voltage doubler disable
PE
: Port enable/disable select bit
1: All ports enable
0: All ports go into high impedance for output
DTY0, DTY1
: Display duty select bits (1/8, 1/9, 1/10)
DISP
: Display ON/OFF select bit
1: Display ON, 0: Display OFF
Q1 to Q4
: Rotary encoder switch count bits (2’s complement)
CT0 to CT3
: Contrast adjustment bit
T1 to T5
: Bits for test instruction. Customers should not access these bits.
: Don’t Care
STB (only applies to ML9092-03)
: Standby mode/normal mode select bit
1: Standby mode, 0: Normal mode


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn