Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9092-02 Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part No. ML9092-02
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ML9092-02 Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 24 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
24/66
Measuring Circuits
Voltage Doubler Voltage Measuring Circuit
Current Measuring Circuit 1
Current Measuring Circuit 2
*1: For ML9092-01, these are SEG1–56, PB0–PB2, KPS, C0/D0–C4/D4, and R0/C0–R4/C4.
For ML9092-02, these are SEG1–60, C0–C3, and R0–R5; PB0–PB2 and KPS are not provided.
VSS
TEST
PA0
SEG1–SEG56(60)
COM1–COM10
*1
PB0–PB2
C0/D0–C4/D4
R0/C0–R4/C4
OPEN
VDD
VIN
VC1+
VS1
CS
CP
DI/O
OSC2
OSC1
RESET
VDD
+
OPEN
OPEN
VOUT
V2
4.7
F30%
+
A
IDD1
VSS
TEST
PA0
SEG1–SEG56(60) COM1–COM10
*1
PB0–PB2
C0/D0–C4/D4
R0/C0–R4/C4
OPEN
VDD
VIN
CS
CP
DI/O
OSC2
OSC1
OPEN
RESET
VDD
+
OPEN
OPEN
V2
A
IDD2
R = 56 k
2%
5.5 V
5.5 V
5.5 V
5.5 V
VDD
VDD
f = 445 kHz
30%
4.7
F
30%
4.7
F
Voltage is doubled (internal oscillation)
Voltage is doubled (external clock)
A
IVIN
VO
VC1+
VS1
VO
VOUT
+
4.7
F30%
A
B
A
B
KPS
KPS
(C0–C3)
(R0–R5)
(C0–C3)
(R0–R5)
KREQ
OPEN
KREQ
OPEN
OPEN
OPEN
VSS
Voltage is doubled
(1/4 bias)
TEST
PA0
SEG1–SEG56(60)
COM1–COM10
*1
PB0–PB2
C0/D0–C4/D4
R0/C0–R4/C4
OPEN
VDD
VIN
VC1+
VS1
VOUT
VO
V2
CS
CP
DI/O
OSC2
OSC1
OPEN
f = 210 kHz
RESET
VDD
V
VDB
+
VIN
4.7
F 30%
100
A
OPEN
OPEN
+
VDD
VDD
30%
4.7
F
KPS
A
B
(C0–C3)
(R0–R5)
KREQ
OPEN
OPEN


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn