Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9092-02 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part No. ML9092-02
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ML9092-02 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 20 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
20/66
ELECTRICAL CHARACTERISTICS
Oscillating Frequency Characteristics
(VDD = 4.5 to 5.5 V, VOUT (VHIN) = 4.5 to 16.5 V, Ta = –40 to +85C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable Pins
Oscillating Frequency
fOSC
56 k
(resistor with accuracy within ±2%)
210
306
445
kHz
OSC1, OSC2
DC Characteristics
(VDD = 4.5 to 5.5 V, VOUT (VHIN) = 4.5 to 16.5 V, Ta = –40 to +85C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Applicable Pins
“H” Input Voltage 1
VIH1
When input
externally
0.85VDD
V
OSC1
“H” Input Voltage 2
VIH2
0.85VDD
V
RESET
“H” Input Voltage 3
VIH3
0.85VDD
V
CP, A, B, C0–C3,
C0/D0–C4/D4,C0–C4
CS, DI/O
“H” Input Voltage 4
VIH4
0.8VDD
V
KPS
“L” Input Voltage 1
VIL1
When input
externally
0.15VDD
V
OSC1
“L” Input Voltage 2
VIL2
0.15VDD
V
RESET
“L” Input Voltage 3
VIL3
0.15VDD
V
CP, A , B, CS, DI/O,
“L” Input Voltage 4
VIL4
0.2VDD
V
KPS
“L” Input Voltage 5
VIL5
0.23VDD
V
C0/D0–C4/D4,C0–C3,
C0–C4
“H” Input Current 1
IIH1
VI = VDD
10
µA
RESET
“H” Input Current 2
IIH2
VI = VDD
10
µA
C0/D0–C4/D4,
C0–C3, C0–C4
“H” Input Current 3
IIH3
DI/O = Input mode,
All ports = HiZ,
VI = VDD
10
µA
DI/O, PA0, PB0–PB2,
R0/C0–R4/C4,
C0/D0–C4/D4
“H” Input Current 4
IIH4
VI = VDD
1
µA
OSC1, CS, CP,
KPS , A , B
“L” Input Current 1
IIL1
VDD = 5 V, VI = 0 V
–0.1
–0.05
–0.02
mA
RESET
“L” Input Current 2
IIL2
VDD = 5 V, VI = 0 V
–0.9
–0.45
–0.18
mA
C0/D0–C4/D4,
C0–C3,C0–C4
“L” Input Current 3
IIL3
DI/O = Input mode,
All ports = HiZ,
VI = 0 V
–10
µA
DI/O, PA0, PB0–PB2,
R0/C0–R4/C4,
C0/D–C4/D4
“L” Input Current 4
IIL4
VI = 0 V
–1
µA
OSC1, CS, CP, KPS, A,
B


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn