Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9092-02 Datasheet(PDF) 19 Page - List of Unclassifed Manufacturers

Part No. ML9092-02
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ML9092-02 Datasheet(HTML) 19 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 19 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
19/66
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Condition
Range
Unit
Applicable Pins
Power Supply Voltage
VDD
4.5 to 5.5
V
VDD
Voltage doubler
not used
(Contrast
adjustment used)
4.5 to 16.5
V
VOUT
Externally Input Power
Supply Voltage 1
(Applies to ML9092-01/02)
VOUT
Voltage doubler
not used & VOUT
pin connected
with V0 pin
(Contrast
adjustment not
used)
4.0 to 16.5
V
VOUT, V0
Contrast
adjustment used
4.5 to 16.5
V
VHIN
Externally Input Power
Supply Voltage 2
(Applies to ML9092-03/04)
VHIN
Contrast
adjustment not
used
(VHIN pin
connected with
V0 pin)
4.0 to 16.5
V
VHIN, V0
Bias Voltage
V0
4.0 to 16.5
V
V0
Voltage Doubler Input
Voltage
VIN
0.8VDD to VDD
V
VIN
Operating Frequency of
External Clock
fOPE
210 to 445
kHz
OSC1
Oscillation Resistance
R
VDD = 4.5 to 5.5 V
56
*1
k
OSC1, OSC2
Operating Temperature
Top
–40 to +85
C
VSS is the reference voltage potential for all pins.
*1:
Use a resistor with an accuracy of
2 %
OSC1
OSC2
R


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn