Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ML9092-02 Datasheet(PDF) 14 Page - List of Unclassifed Manufacturers

Part No. ML9092-02
Description  LCD Driver with Key Scanner and RAM
Download  66 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

ML9092-02 Datasheet(HTML) 14 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 14 / 66 page
background image
FEDL9092-01
LAPIS Semiconductor
ML9092-01/02/03/04
14/66
ML9092-04
Function
Pin
Symbol
Type
Description
63
CS
I
Chip select signal input pin
64
CP
I
Shift clock signal input pin. This pin is
connected to the Schmitt circuit internally.
65
DI/O
I/O
Serial data signal I/O pin. This pin is
connected to the Schmitt circuit internally.
CPU interface
66
KREQ
O
Key scan read and rotary encoder read
READY signal output pin.
74
OSC1
I
Oscillation
75
OSC2
O
Connect external resistors with this pin.
This pin is connected to the Schmitt circuit
internally.
If using an external clock, input it from the
OSC1 pin and leave the OSC2 pin open.
67
RESET
I
Reset input. Initial settings can be
established by applying a “L” level to this
pin. This pin is connected to the Schmitt
circuit internally.
Control signal
76
TEST
I
Test input pin. This pin is connected to the
VSS pin.
62–58
C0–C4
I
Input pins that detect status of key
switches. These pins are connected to the
Schmitt circuit internally.
57–53
R0–R4
O
Key switch scan signal output pins
Switch signal
51, 52
A, B
I
Rotary encoder signal input pins.
These pins are connected to the Schmitt
circuit internally.
Port output
77
80–78
PA0
PB0–PB2
O
Port A output pin
Port B output pins
50–1,
100–91
SEG1–SEG60
O
LCD segment driver output pins
LCD driver output
90–81
COM1–COM10
O
LCD common driver output pins
73
VDD
Logic power supply pin
68
VSS
GND pin
72
VHIN
High-voltage power supply pin
71, 69
V0, V2
LCD bias pins
Power supply
70
NC
Should be left open.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn