Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SJ317 Datasheet(PDF) 5 Page - Hitachi Semiconductor

Part # 2SJ317
Description  Silicon P-Channel MOS FET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SJ317 Datasheet(HTML) 5 Page - Hitachi Semiconductor

  2SJ317 Datasheet HTML 1Page - Hitachi Semiconductor 2SJ317 Datasheet HTML 2Page - Hitachi Semiconductor 2SJ317 Datasheet HTML 3Page - Hitachi Semiconductor 2SJ317 Datasheet HTML 4Page - Hitachi Semiconductor 2SJ317 Datasheet HTML 5Page - Hitachi Semiconductor 2SJ317 Datasheet HTML 6Page - Hitachi Semiconductor 2SJ317 Datasheet HTML 7Page - Hitachi Semiconductor 2SJ317 Datasheet HTML 8Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
2SJ317
5
2000
1000
500
200
100
50
20
–0.1 –0.2
–0.5 –1.0
–2
–5
–10
Reverse Drain Current
I
(A)
DR
di/dt = 10 A/µs
V
= 0
Reverse Recovery Time vs.
Reverse Drain Current
GS
2000
1000
500
200
100
50
–0.05 –0.1 –0.2
–0.5
–1
–2
–5
Drain Current
I
(A)
D
td(on)
td(off)
tr
tf
Switching Time vs. Drain Current
V
= –4 V
V
= –10 V
PW = 5 µs
Duty cycle 1 %
.
.
<
=
GS
DD
–25
–20
–15
–10
–5
24
6
8
10
Gate Charge
Qg (nc)
VDS
V
= –10 V
I
= –2 A
Pulse test
0
VGS
DD
D
–10
–8
–6
–4
–2
0
Dynamic Input Characteristics
1000
500
200
100
50
20
10
–0.1 –0.2
–0.5 –1.0
–2
–5
–10
Drain to Source Voltage
V
(V)
DS
V
= 0
f = 1 MHz
Coss
Ciss
GS
Crss
Typical Capacitance vs.
Drain to Source Voltage


Similar Part No. - 2SJ317

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SJ317 RENESAS-2SJ317 Datasheet
74Kb / 7P
   Silicon P Channel MOS FET
2SJ317NYTL-E RENESAS-2SJ317NYTL-E Datasheet
74Kb / 7P
   Silicon P Channel MOS FET
2SJ317NYTR-E RENESAS-2SJ317NYTR-E Datasheet
74Kb / 7P
   Silicon P Channel MOS FET
More results

Similar Description - 2SJ317

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SJ221 HITACHI-2SJ221 Datasheet
48Kb / 8P
   Silicon P-Channel MOS FET
2SJ363 HITACHI-2SJ363 Datasheet
37Kb / 7P
   Silicon P-Channel MOS FET
2SJ386 HITACHI-2SJ386 Datasheet
38Kb / 7P
   Silicon P-Channel MOS FET
logo
Renesas Technology Corp
2SJ181(L) RENESAS-2SJ181(L)_15 Datasheet
109Kb / 7P
   Silicon P Channel MOS FET
2SJ555 RENESAS-2SJ555_15 Datasheet
109Kb / 10P
   Silicon P Channel MOS FET
2SJ518 RENESAS-2SJ518_15 Datasheet
102Kb / 9P
   Silicon P Channel MOS FET
2SJ526 RENESAS-2SJ526_15 Datasheet
110Kb / 10P
   Silicon P Channel MOS FET
2SJ542 RENESAS-2SJ542_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ543 RENESAS-2SJ543_15 Datasheet
107Kb / 10P
   Silicon P Channel MOS FET
2SJ550 RENESAS-2SJ550 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
2SJ551 RENESAS-2SJ551 Datasheet
95Kb / 9P
   Silicon P Channel MOS FET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com