Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML22825 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # ML22825
Description  Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22825 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button ML22825 Datasheet HTML 4Page - List of Unclassifed Manufacturers ML22825 Datasheet HTML 5Page - List of Unclassifed Manufacturers ML22825 Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22825 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22825 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22825 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22825 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22825 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22825 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 63 page
background image
FEDL228XX-05
ML2282X-XXX/ ML2286X -XXX
8/63
ELECTRICAL CHARACTERISTICS
DC Characteristics (for the 3V applications)
DVDD = SPVDD = 2.7 to 3.6 V, DGND = AGND = 0 V, Ta = −40 to +85°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
“H” input voltage
VIH
0.86
×DV
DD
DVDD
V
“L” input voltage
VIL
0
0.14
×DV
DD
V
“H” output voltage 1
VOH1
IOH = −1 mA
DVDD−0.4
V
“H” output voltage 2 (*1)
VOH2
IOH = −50 µA
DVDD−0.4
V
“L” output voltage 1
VOL1
IOL = 2 mA
0.4
V
“L” output voltage 2 (*1)
VOL2
IOL = 50 µA
0.4
V
“L” output voltage 3 (*2)
VOL3
IOL = 3 mA
0.4
V
“H” input current 1
IIH1
VIH = DVDD
10
µA
“H” input current 2 (*3)
IIH2
VIH = DVDD
0.3
2.0
15
µA
“H” input current 3 (*4)
IIH3
VIH = DVDD
2
30
200
µA
“L” input current 1
IIL1
VIL = GND
−10
µA
“L” input current 2 (*3)
IIL2
VIL = GND
−15
−2.0
−0.3
µA
“L” input current 3 (*5)
IIL3
VIL = GND
−200
−30
−2
µA
“H” output leak current 3
(*6)
IILOH
VOH = DVDD
10
µA
“L” output leak current 3
(*6)
IILOL
VOL = GND
−10
µA
Supply current during
playback
IDD
fOSC = 4.096 MHz
No output load
20
mA
Ta =
−40 to +40°C
1
10
µA
Power-down supply
current
IDDS
Ta =
−40 to +85°C
1
20
µA
*1: Applies to the XTB pin.
*2: Applies to the SCL, SDA pin.
*3: Applies to the XT pin.
*4: Applies to the TESTI0 pin.
*5: Applies to the RESETB pin.
*6: Applies to the TESTO pin.


Similar Part No. - ML22825

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML22825-XXX ETC2-ML22825-XXX Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
More results

Similar Description - ML22825

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML22825-XXX ETC2-ML22825-XXX Datasheet
1Mb / 63P
   Speech Synthesis LSI with Built-in P2ROM Including 2-Channel Mixing Function
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q553-NNNMB ETC2-ML22Q553-NNNMB Datasheet
1Mb / 69P
   4-Channel Mixing Speech Synthesis LSI
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com