Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML610Q178 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # ML610Q178
Description  The low power micro controller corresponding to 5v for household appliances
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML610Q178 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button ML610Q178 Datasheet HTML 7Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 8Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 9Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 10Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 11Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 12Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 13Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 14Page - List of Unclassifed Manufacturers ML610Q178 Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
FEDL610Q178FULL-01
ML610Q178
11/28
PIN DESCRIPTION
Pin name
I/O
Description
Primary/
Secondary
Logic
Power supply
VSS
— Negative power supply pin
VDD
— Positive power supply pin
VDDL
Positive power supply pin for internal logic (internally generated). Connect
capacitors (CL) (see Measuring Circuit 1) between this pin and VSS .
VPP
— Power supply pin for programming Flash ROM.
VL1
— Power supply pins for LCD bias (external input)
VL2
— Power supply pins for LCD bias (external input)
VL3
— Power supply pins for LCD bias (external input)
Test
TEST0
I/O Input/output pin for testing. Has a pull-down resistor built in.
Positive
TEST1_N
I/O Input/output pin for testing. Has a pull-up resistor built in.
Negative
System
RESET_N
I
Reset input pin. When this pin is set to a “L” level, the device is placed in
system reset mode and the internal circuit is initialized. If after that this pin
is set to a “H” level, program execution starts. This pin has a pull-up
resistor built in.
Negative
XT0
I
XT1
O
Crystal connection pin for low-speed clock. A 32.768 kHz crystal oscillator
(see measuring circuit 1) is connected to this pin. Capacitors CDL and CGL
are connected across this pin and VSS as required.
OSC0
I
Secondary
OSC1
O
External input pin for high-speed clock. This function is allocated to the
secondary function of the P10 pin.
Secondary
LSCLK
O
Low-speed clock output. This function is allocated to the secondary function
of the P20/P36 pin.
Secondary
OUTCLK
O
High-speed clock output. This function is allocated to the secondary
function of the P21 pin.
Secondary
General-purpose input port
P00 to P03
I
P10 to P11
I
General-purpose input ports. Provided with a secondary function for each
port. Cannot be used as ports if their secondary functions are used.
Primary
Positive
General-output input port
P20 to P23
O
General-purpose output ports.Provided with a secondary function for each
port. Cannot be used as ports if their secondary functions are used.
Primary
Positive
P90 to P93
O
General-purpose output ports.Provided with a secondary function for each
port. Cannot be used as ports if their secondary functions are used.
Primary
Positive
General-purpose input/output port
P30 to P36
P40 to P47
P50 to P53
General-purpose input/output ports.Provided with a secondary function for
each port. Cannot be used as ports if their secondary functions are used.
PC0 to PC7
PD0 to PD7
PE0 to PE7
PF0 to PF7
I/O
General-purpose input/output ports.Provided with a LCD segment for each
port. Cannot be used as ports if LCD segment are used.
Primary
Positive


Similar Part No. - ML610Q178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q172 ETC2-ML610Q172 Datasheet
501Kb / 29P
   The low power micro controller corresponding to 5v for household appliances
ML610Q173 ETC2-ML610Q173 Datasheet
501Kb / 29P
   The low power micro controller corresponding to 5v for household appliances
ML610Q174 ETC2-ML610Q174 Datasheet
466Kb / 26P
   The low power micro controller corresponding to 5v for household appliances
More results

Similar Description - ML610Q178

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML610Q172 ETC2-ML610Q172 Datasheet
501Kb / 29P
   The low power micro controller corresponding to 5v for household appliances
ML610Q174 ETC2-ML610Q174 Datasheet
466Kb / 26P
   The low power micro controller corresponding to 5v for household appliances
logo
NF Forward USA Inc
NF75 NFFORWARD-NF75 Datasheet
2Mb / 3P
   Household electrical appliances
Ver. 2209-1
logo
Toshiba Semiconductor
TLP785GBFC TOSHIBA-TLP785GBFC Datasheet
374Kb / 16P
   Office Equipment Household Appliances
logo
DB Lectro Inc
NG8ND DBLECTRO-NG8ND Datasheet
290Kb / 2P
   Suitable for household electrical appliances, automation system
logo
Renesas Technology Corp
M16C64C RENESAS-M16C64C Datasheet
757Kb / 91P
   cameras, televisions, household appliances, office equipment
M16C RENESAS-M16C_11 Datasheet
891Kb / 112P
   televisions, household appliances, office equipment, communication devices
logo
DB Lectro Inc
NG4U DBLECTRO-NG4U_05 Datasheet
290Kb / 2P
   Used in household appliances like air conditioning
logo
Panasonic Semiconductor
ALZ11B05W PANASONIC-ALZ11B05W Datasheet
74Kb / 4P
   Low profile: 15.7mm height 1a/1c 16A power relay Household electrical appliances
logo
DB Lectro Inc
NT71 DBLECTRO-NT71_05 Datasheet
520Kb / 2P
   Suitable for household electrical appliances, automation system, instrument and meter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com