Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ML22Q553-NNNMB Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # ML22Q553-NNNMB
Description  4-Channel Mixing Speech Synthesis LSI
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ML22Q553-NNNMB Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button ML22Q553-NNNMB Datasheet HTML 6Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 7Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 8Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 9Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 10Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 11Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 12Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 13Page - List of Unclassifed Manufacturers ML22Q553-NNNMB Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 69 page
background image
FEDL22Q553-02
ML22Q553
AC Characteristics (1)
DVDD = SPVDD = 4.5 to 5.5 V, DGND = SPGND = 0 V, Ta = −40 to +105°C
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Master clock duty cycle
fduty
40
50
60
%
RESETB input pulse width
tRST
10
μs
Reset noise rejection pulse width
tNRST
RESETB pin
0.1
μs
Noise rejection pulse width
tNINP
CSB, SCK, and SI pins
5
ns
Command input interval time1
tINT
fOSC = 4.096 MHz
At STOP/SLOOP/CLOOP/
VOL command input
After status read
10
μs
Command input interval time2
tINTC
fOSC = 4.096 MHz
After input first command at
two-time command input
mode
0
μs
Command input enable time
tcm
fOSC = 4.096 MHz
During continuous playback
At SLOOP input
10
ms
At PUP command input
CBUSYB “L” level output time
tPUP
4.096 MHz
At external clock input
4
ms
At AMODE command input
CBUSYB “L” level output time(*3)
tPUPA1
4.096 MHz
At external clock input
POP = “0”
DAEN = “0”
→”1”
or SPEN = “0”
→”1”
39
41
43
ms
At AMODE command input
CBUSYB “L” level output time
tPUPA2
4.096 MHz
At external clock input
POP = “1”
DAEN = “0”
→”1”
(SPEN = “0”)
72
74
76
ms
At AMODE command input
CBUSYB “L” level output time
tPUPA3
4.096 MHz
At external clock input
POP = “0”
DAEN = “0”
→”1”
(SPEN = “0”)
32
34
36
ms
At PDWN command input
CBUSYB “L” level output time
tPD
fOSC = 4.096 MHz
10
μs
At AMODE command input
CBUSYB “L” level output time(*3)
tPDA1
4.096 MHz
At external clock input
POP = “0”
DAEN = “1”
→”0”
or SPEN = “1”
→”0”
106
108
110
ms
At AMODE command input
CBUSYB “L” level output time
tPDA2
4.096 MHz
At external clock input
POP = “1”
DAEN = “1”
→”0”
(SPEN = “0”)
143
145
147
ms
At AMODE command input
CBUSYB “L” level output time
tPDA3
4.096 MHz
At external clock input
POP = “0”
DAEN = “1”
→”0”
(SPEN = “0”)
103
105
107
ms
10/69


Similar Part No. - ML22Q553-NNNMB

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54GA OKI-ML22Q54GA Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22Q563 ETC2-ML22Q563 Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q563-xxxMB ETC2-ML22Q563-xxxMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
More results

Similar Description - ML22Q553-NNNMB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ML22Q563-NNNMB ETC2-ML22Q563-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
ML22Q573-NNNMB ETC2-ML22Q573-NNNMB Datasheet
1Mb / 66P
   4-Channel Mixing Speech Synthesis LSI
logo
OKI electronic componet...
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML22Q54 OKI-ML22Q54 Datasheet
199Kb / 31P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
FEDL2256X-08 ETC2-FEDL2256X-08 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM
FEDL22Q553-04 ETC2-FEDL22Q553-04 Datasheet
1Mb / 70P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH ROM for Automotive
FEDL22594-04 ETC2-FEDL22594-04 Datasheet
895Kb / 73P
   4-Channel Mixing Speech Synthesis LSI with Built-in MASK ROM for Automotive
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL2257X-07 ETC2-FEDL2257X-07 Datasheet
1Mb / 67P
   4-Channel Mixing Speech Synthesis LSI with Built-in FLASH/MASK ROM for Automotive
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com