Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


CZT955 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part No. CZT955
Description  SURFACE MOUNT SILICON HIGH CURRENT PNP TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  CENTRAL [Central Semiconductor Corp]
Homepage  http://www.centralsemi.com
Logo 

   
 1 page
background image
CZT955
SURFACE MOUNT SILICON
HIGH CURRENT
PNP TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CZT955 is a
silicon high current PNP transistor manufactured by
the epitaxial planar process, epoxy molded in a surface
mount package, designed for high voltage and high
current amplifier applications.
MARKING: FULL PART NUMBER
SOT-223 CASE
SOT-223 CASE
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Collector-Base Voltage
VCBO
180
V
Collector-Emitter Voltage
VCEO
140
V
Emitter-Base Voltage
VEBO
7.0
V
Continuous Collector Current
IC
4.0
A
Peak Collector Current
ICM
10
A
Power Dissipation (Note 1)
PD
3.0
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
41.7
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
ICBO
VCB=150V
20
nA
ICBO
VCB=150V, TA=100°C
0.5
μA
ICER
VCE=150V, RBE≤1.0kΩ
20
nA
IEBO
VEB=6.0V
10
nA
BVCBO
IC=100μA
180
200
V
BVCER
IC=1.0μA, RBE≤1.0kΩ
180
200
V
BVCEO
IC=10mA
140
160
V
BVEBO
IE=100μA
7.0
8.0
V
VCE(SAT)
IC=100mA, IB=5.0mA
40
60
mV
VCE(SAT)
IC=0.5A, IB=50mA
55
80
mV
VCE(SAT)
IC=1.0A, IB=100mA
85
120
mV
VCE(SAT)
IC=3.0A, IB=300mA
210
360
mV
VBE(SAT)
IC=3.0A, IB=300mA
0.96
1.04
V
VBE(ON)
VCE=5.0V, IC=3.0A
830
930
mV
hFE
VCE=5.0V, IC=10mA
100
250
hFE
VCE=5.0V, IC=1.0A
100
220
300
hFE
VCE=5.0V, IC=3.0A
35
hFE
VCE=5.0V, IC=10A
5.0
fT
VCE=10V, IC=100mA, f=50MHz
200
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
33
pF
ton
VCC=50V, IC=1.0A, IB1=IB2=0.1A
25
ns
toff
VCC=50V, IC=1.0A, IB1=IB2=0.1A
410
ns
Notes: (1) FR-4 Epoxy PC Board with copper mounting pad area of 4in2 (minimum)
R2 (11-June 2013)
www.centr a lsemi.com




Html Pages

1  2  3 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl