Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CTLDM7590 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # CTLDM7590
Description  SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CTLDM7590 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  CTLDM7590 Datasheet HTML 1Page - Central Semiconductor Corp CTLDM7590 Datasheet HTML 2Page - Central Semiconductor Corp CTLDM7590 Datasheet HTML 3Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CTLDM7590
SURFACE MOUNT
P-CHANNEL
ENHANCEMENT-MODE
SILICON MOSFET
DESCRIPTION:
The CENTRAL SEMICONDUCTOR CTLDM7590 is an
enhancement-mode P-channel MOSFET designed for
applications including high speed pulsed amplifiers and
drivers. This MOSFET has beneficially low rDS(ON),
low threshold voltage, and very low gate charge
characteristics.
MARKING CODE: 2
APPLICATIONS:
• Load/Power Switches
• Boost/Buck Converters
• Battery Charging/Power Management
FEATURES:
• ESD protection up to 2kV
• Power dissipation: 125mW
• Low rDS(ON)
• Low threshold voltage
• Ultra small, ultra low profile 0.6mm x 0.8mm x 0.4mm
TLMTM leadless surface mount package
MAXIMUM RATINGS: (TA=25°C)
SYMBOL
UNITS
Drain-Source Voltage
VDS
20
V
Gate-Source Voltage
VGS
8.0
V
Continuous Drain Current (Steady State)
ID
140
mA
Pulsed Drain Current, tp=10μs
ID
600
mA
Power Dissipation
PD
125
mW
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJA
1000
°C/W
ELECTRICAL CHARACTERISTICS: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
IGSSF, IGSSR VGS=5.0V, VDS=0
100
nA
IDSS
VDS=5.0V, VGS=0
50
nA
IDSS
VDS=16V, VGS=0
100
nA
BVDSS
VGS=0, ID=250μA
20
V
VGS(th)
VDS=VGS, ID=250μA
0.4
1.0
V
rDS(ON)
VGS=4.5V, ID=100mA
4.0
5.0
Ω
rDS(ON)
VGS=2.5V, ID=50mA
5.5
7.0
Ω
rDS(ON)
VGS=1.8V, ID=20mA
8.0
10
Ω
rDS(ON)
VGS=1.5V, ID=10mA
11
17
Ω
rDS(ON)
VGS=1.2V, ID=1.0mA
20
Ω
Qg(tot)
VDS=10V, VGS=4.5V, ID=100mA
0.50
nC
Qgs
VDS=10V, VGS=4.5V, ID=100mA
0.17
nC
Qgd
VDS=10V, VGS=4.5V, ID=100mA
0.11
nC
gFS
VDS=5.0V, ID=125mA
140
mS
Crss
VDS=15V, VGS=0, f=1.0MHz
4.0
pF
Ciss
VDS=15V, VGS=0, f=1.0MHz
10
pF
Coss
VDS=15V, VGS=0, f=1.0MHz
3.7
pF
ton
VDD=10V, VGS=4.5V, ID=200mA
35
ns
toff
VDD=10V, VGS=4.5V, ID=200mA
100
ns
TLM3D6D8 CASE
R3 (21-September 2012)
www.centr a lsemi.com


Similar Part No. - CTLDM7590

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CTLDM7590 CENTRAL-CTLDM7590_15 Datasheet
1Mb / 3P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results

Similar Description - CTLDM7590

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMLDM8120TG CENTRAL-CMLDM8120TG_15 Datasheet
530Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CEDM8004 CENTRAL-CEDM8004_12 Datasheet
457Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CXDM4060P CENTRAL-CXDM4060P_15 Datasheet
854Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CEDM8004VL CENTRAL-CEDM8004VL Datasheet
956Kb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM302PH CENTRAL-CMPDM302PH Datasheet
349Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CMUDM8005 CENTRAL-CMUDM8005_13 Datasheet
837Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMLDM8120 CENTRAL-CMLDM8120_15 Datasheet
532Kb / 3P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CMPDM202PH CENTRAL-CMPDM202PH_15 Datasheet
353Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM7590 CENTRAL-CTLDM7590_15 Datasheet
1Mb / 3P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
CTLDM8002A-M621 CENTRAL-CTLDM8002A-M621_15 Datasheet
1Mb / 4P
   SURFACE MOUNT SILICON P-CHANNEL ENHANCEMENT-MODE MOSFET
CWDM305P CENTRAL-CWDM305P_15 Datasheet
652Kb / 2P
   SURFACE MOUNT P-CHANNEL ENHANCEMENT-MODE SILICON MOSFET
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com