Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3N164 Datasheet(PDF) 1 Page - Micross Components

Part # 3N164
Description  an enhancement mode P-Channel Mosfet
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSS [Micross Components]
Direct Link  http://www.micross.com
Logo MICROSS - Micross Components

3N164 Datasheet(HTML) 1 Page - Micross Components

  3N164 Datasheet HTML 1Page - Micross Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Click To Buy
Information furnished by Linear Integrated Systems and Micross Components is believed to be accurate and reliable. However, no responsibility is assumed
for its use; nor for any infringement of patents or other rights of third parties which may result from its use. No license is granted by implication or otherwise
under any patent or patent rights of Linear Integrated Systems.
Micross Components Ltd, United Kingdom, Tel: +44 1603 788967, Fax: +44 1603788920, Email: chipcomponents@micross.com Web: www.micross.com/distribution.aspx
FEATURES 
DIRECT REPLACEMENT FOR INTERSIL 3N164 
ABSOLUTE MAXIMUM RATINGS
1 
@ 25°C (unless otherwise noted) 
Maximum Temperatures 
Storage Temperature ‐65°C to +200°C 
Operating Junction Temperature ‐55°C to +150°C 
Maximum Power Dissipation 
Continuous Power Dissipation  
375mW 
MAXIMUM CURRENT
Drain Current 
50mA 
MAXIMUM VOLTAGES 
Drain to Gate ‐30V 
Drain to Source ‐30V 
Peak Gate to Source
2
±125V 
3N164 ELECTRICAL CHARACTERISTICS @ 25°C (unless otherwise noted)
SYMBOL 
CHARACTERISTIC 
MIN 
TYP. 
MAX 
UNITS 
CONDITIONS 
IGSSF 
Gate Forward Current  
‐10 
‐‐ 
‐‐ 
pA 
VGS = ‐30V,   VDS = 0V 
 
TA= +125°C 
‐‐ 
‐‐ 
‐25 
BVDSS 
Drain to Source Breakdown Voltage ‐30 
‐‐ 
‐‐ 
 
 
I= ‐10µA,   VGS = 0V 
BVSDS 
Source‐Drain Breakdown Voltage ‐30 
‐‐ 
‐‐ 
I= ‐10µA, VGD = 0V,  VBD = 0V 
VGS(th) 
Gate to Source Threshold Voltage ‐2.0 
‐‐ 
‐5.0 
VDS =  VGS ,    I= ‐10µA 
‐2.0 
‐‐ 
‐5.0 
VDS = ‐15V,   I= ‐10µA 
VGS 
Gate Source Voltage ‐3.0 
‐‐ 
‐6.5 
VDS = ‐15V,   I= ‐0.5mA 
IDSS 
Drain Leakage Current “Off” 
‐‐ 
‐‐ 
200 
pA 
VDS = ‐15V,   VGS = 0V 
ISDS 
Source Drain Current 
‐‐ 
‐‐ 
400 
VDS = 15V,   VGS =  VDB = 0V 
rDS(on) 
Drain to Source “On” Resistance 
‐‐ 
‐‐ 
250 Ω 
VGS = ‐20V,   ID = ‐100µA 
ID(on) 
Drain Current “On” ‐5.0 
‐‐ 
‐30 
mA 
VDS = ‐15V,  VGS = ‐10V 
gfs 
Forward Transconductance 
2000 
‐‐ 
4000 
µS 
VDS = ‐15V,    ID = ‐10mA ,   f = 1kHz 
gos 
Output Admittance 
‐‐ 
‐‐ 
250 
Ciss  Input Capacitance–Output shorted 
‐‐ 
‐‐ 
2.5  
pF 
 
VDS = ‐15V,    I= ‐10mA ,   f = 1MHz
3 
Crss 
Reverse Transfer Capacitance 
‐‐ 
‐‐ 
0.7 
Coss 
Output Capacitance–Input Shorted 
‐‐ 
‐‐ 
3.0 
SWITCHING CHARACTERISTICS  ‐ TA = 25°C  and  VBS = 0 unless otherwise noted                                                              TIMING WAVEFORMS 
SYMBOL 
CHARACTERISTIC 
MAX 
UNITS 
CONDITIONS 
td(on) 
Turn On Delay Time 
12  
ns 
VDD = ‐15V 
ID(on) = ‐10mA      
R= R= 1.4KΩ
3 
tr 
Turn On Rise Time 
24 
toff 
Turn Off Time 
50 
 
 
  
                                  SWITCHING TEST CIRCUIT 
The 3N164 is an enhancement mode P-Channel Mosfet
3N164
P-CHANNEL MOSFET
Note 1 ‐ Absolute maximum ratings are limiting values above which 3N164 serviceability may be impaired. 
Note 2 – Device must not be tested at ±125V more than once or longer than 300ms. 
Note 3 – For design reference only, not 100% tested
The 3N164 is an enhancement mode P-Channel Mosfet
designed for use as a General Purpose amplifier or
switch
The hermetically sealed TO-72 package is well suited
for high reliability and harsh environment applications.
(See Packaging Information).
Micross Components Europe
Tel: +44 1603 788967
Email: chipcomponents@micross.com
Web: http://www.micross.com/distribution
TO-72 (Bottom View)
Available Packages:
3N164 in TO-72
3N164 in bare die.
Please contact Micross for full
package and die dimensions
3N164 Features:
Very high Input Impedance
Low Capacitance
High Gain
High Gate Breakdown Voltage
Low Threshold Voltage


Similar Part No. - 3N164

ManufacturerPart #DatasheetDescription
logo
Linear Integrated Syste...
3N164 LINEAR-3N164 Datasheet
18Kb / 2P
   P-CHANNEL ENHANCEMENT MODE
logo
Calogic, LLC
3N164 CALOGIC-3N164 Datasheet
28Kb / 2P
   P-Channel Enhancement Mode MOSFET General Purpose Amplifier Switch
logo
Intersil Corporation
3N164 INTERSIL-3N164 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
New Jersey Semi-Conduct...
3N164 NJSEMI-3N164 Datasheet
123Kb / 1P
   (SINGLE, DUAL) MOS FET P-CHANNEL, ENHANCEMENT
logo
Linear Integrated Syste...
3N164 LINEAR-3N164 Datasheet
216Kb / 2P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - 3N164

ManufacturerPart #DatasheetDescription
logo
Micross Components
3N163 MICROSS-3N163 Datasheet
408Kb / 1P
   an enhancement mode P-Channel Mosfet
LS3N163 MICROSS-LS3N163 Datasheet
366Kb / 1P
   an enhancement mode P-Channel Mosfet
3N164_TO-72 MICROSS-3N164_TO-72 Datasheet
366Kb / 1P
   an enhancement mode P-Channel Mosfet
LS3N164 MICROSS-LS3N164 Datasheet
367Kb / 1P
   an enhancement mode P-Channel Mosfet
3N171 MICROSS-3N171 Datasheet
277Kb / 1P
   an enhancement mode N-Channel Mosfet
2N4351 MICROSS-2N4351 Datasheet
315Kb / 1P
   an enhancement mode N-Channel Mosfet
LS3N170_TO-72 MICROSS-LS3N170_TO-72 Datasheet
278Kb / 1P
   an enhancement mode N-Channel Mosfet
3N170 MICROSS-3N170 Datasheet
278Kb / 1P
   an enhancement mode N-Channel Mosfet
LS3N170 MICROSS-LS3N170 Datasheet
278Kb / 1P
   an enhancement mode N-Channel Mosfet
3N170_TO-72 MICROSS-3N170_TO-72 Datasheet
278Kb / 1P
   an enhancement mode N-Channel Mosfet
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com