Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BC109C Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part No. BC109C
Description  NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

BC109C Datasheet(HTML) 2 Page - Central Semiconductor Corp

  BC109C Datasheet HTML 1Page - Central Semiconductor Corp BC109C Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
BC107,A,B
BC108B,C
BC109B,C
NPN SILICON TRANSISTOR
LEAD CODE:
1) Emitter
2) Base
3) Collector
MARKING:
FULL PART NUMBER
TO-18 CASE - MECHANICAL OUTLINE
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC107)
125
500
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC107A)
125
260
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC107B, BC108B, BC109B)
240
500
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC108C)
500
hfe
VCE=5.0V, IC=2.0mA, f=1.0kHz (BC109C)
450
900
fT
VCE=5.0V, IC=10mA, f=100MHz
150
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
4.5
pF
NF
VCE=5.0V, IC=0.2mA, Rg=2.0kΩ, B=200Hz, f=1.0kHz (BC107, BC108)
10
dB
NF
VCE=5.0V, IC=0.2mA, Rg=2.0kΩ, B=200Hz, f=1.0kHz (BC109)
4.0
dB
www.centr a lsemi.com
R1 (16-August 2012)


Similar Part No. - BC109C

ManufacturerPart No.DatasheetDescription
NXP Semiconductors
NXP Semiconductors
BC109C PHILIPS-BC109C Datasheet
55Kb / 8P
   NPN general purpose transistors
1997 Sep 03
Comset Semiconductor
Comset Semiconductor
BC109C COMSET-BC109C Datasheet
81Kb / 3P
   LOW NOISE GENERAL PURPOSE AUDIO AMPLIFIERS
Continental Device India Limited
Continental Device Indi...
BC109C CDIL-BC109C Datasheet
147Kb / 4P
   NPN SILICON PLANAR TRANSISTORS
Central Semiconductor Corp
Central Semiconductor C...
BC109C CENTRAL-BC109C Datasheet
545Kb / 2P
   NPN SILICON TRANSISTOR
Seme LAB
Seme LAB
BC109CSM SEME-LAB-BC109CSM Datasheet
162Kb / 3P
   SILICON EPITAXIAL NPN TRANSISTOR
More results

Similar Description - BC109C

ManufacturerPart No.DatasheetDescription
AUK corp
AUK corp
SBT2222AF AUK-SBT2222AF_1 Datasheet
192Kb / 4P
   NPN Silicon Transistor
SBT2222AUF AUK-SBT2222AUF_1 Datasheet
169Kb / 3P
   NPN Silicon Transistor
STC917UF AUK-STC917UF Datasheet
279Kb / 11P
   NPN Silicon Transistor
STC918E AUK-STC918E Datasheet
279Kb / 11P
   NPN Silicon Transistor
STC4350F AUK-STC4350F Datasheet
296Kb / 4P
   NPN Silicon Transistor
STD6528S AUK-STD6528S Datasheet
301Kb / 4P
   NPN Silicon Transistor
STS9018 AUK-STS9018 Datasheet
119Kb / 4P
   NPN Silicon Transistor
Semicoa Semiconductor
Semicoa Semiconductor
2N5004 SEMICOA-2N5004_02 Datasheet
203Kb / 2P
   Silicon NPN Transistor
2N5109 SEMICOA-2N5109_02 Datasheet
199Kb / 2P
   Silicon NPN Transistor
2N5109UB SEMICOA-2N5109UB_02 Datasheet
234Kb / 2P
   Silicon NPN Transistor
2N5660 SEMICOA-2N5660 Datasheet
204Kb / 2P
   Silicon NPN Transistor
More results


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz