Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

M301241 Datasheet(PDF) 1 Page - E-SWITCH

Part No. M301241
Description  TERM. NOS. FOR REF. ONLY
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  E-SWITCH [E-SWITCH]
Homepage  http://www.e-switch.com
Logo 

M301241 Datasheet(HTML) 1 Page - E-SWITCH

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TITLE
SCALE
DATE
DR
DWG
REV
THE INFORMATION CONTAINED IN THIS DOCUMENT IS PROPRIETARY
TO E-SWITCH AND IS NOT TO BE COPIED OR TRANSFERRED
SHEET
OF
REV
PCR NO
DESCRIPTION
DATE
BY
R1966HBLKBLKEL
1.5:1
4/18/2006
M301241
B
CT
1
1
PC MOUNTING
12.60
[.496 in]
.80
[.031 in]
18.50
[.728 in]
14.00
[.551 in]
2.00
[.079 in]
9.80
[.386 in]
20.80
[.819 in]
14.80
[.583 in]
NOTES:
1. ALL DIMENSIONS IN MM [INCH]
2. GENERAL TOLERANCE: X.X=±0.4
X.XX=±0.25
3. TERM. NOS. FOR REF. ONLY
4. RATING: 15A @125VAC;
8A @250VAC.
5. LAMP VOLTAGE: NO LAMP
6. MATERIAL:
CONTACT SURFACE:SILVER ALLOY
TERMINAL: COPPER ALLOY w/SILVER PLATE
7. ELECTRICAL LIFE: 10,000 CYCLES
8. CONTACT RESISTANCE: <20 MILLI-OHMS INITIAL
9. DIELECTRIC STRENGTH: >1,500V AC 1 MIN
10.
DENOTES CRITICAL PARAMETER.
11. 2002/95/EC (ROHS) COMPLIANT
A
15966
RELESED FOR PRODUCTION
4/18/06
CT
PANEL THICKNESS
X
0.75-1.25
1.25-2.00
2.00-3.00
19.20-19.30
19.30-19.40
19.50-19.60
RECOMMENDED PANEL MOUNTING
X
12.85
`.05
POS. 1
POS. 2
POS. 3
SWITCH FUNCTION
OFF
ON
(ON)
1-1b
NONE
1-1a
MOMENTARY=(ON)
1
1a
1b
CURCUIT: SPDT
HOUSING COLOR
BLACK
12.00
[.472 in]
7.00
[.276 in]
7.00
[.276 in]
2.25
[.089 in]
4.25
[.167 in]
1.20
[.047 in]
BLACK
ACTUATOR
n1.85
[.073 in]
7.00
[.276 in]
POSITION
1
POSITION
3
POSITION
2
B
16077
EDIT TERMINALS AND SWITCH FUNCTION
6/1/2006
CT


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn