Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SML522BU1W Datasheet(PDF) 8 Page - Rohm

Part # SML522BU1W
Description  Abundant 2 color variations
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

SML522BU1W Datasheet(HTML) 8 Page - Rohm

Back Button SML522BU1W Datasheet HTML 2Page - Rohm SML522BU1W Datasheet HTML 3Page - Rohm SML522BU1W Datasheet HTML 4Page - Rohm SML522BU1W Datasheet HTML 5Page - Rohm SML522BU1W Datasheet HTML 6Page - Rohm SML522BU1W Datasheet HTML 7Page - Rohm SML522BU1W Datasheet HTML 8Page - Rohm SML522BU1W Datasheet HTML 9Page - Rohm SML522BU1W Datasheet HTML 10Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
www.rohm.com
© 2013 ROHM Co., Ltd. All rights reserved.
Data Sheet
SML-52 series
lAttention Points In Handling
This product was developed as a surface mount LED especially suitable for soldering.
Please take care of following points when using this device.
1.DESIGNING OF PCB
As for a recommendable solder pattern, Please refer to Fig-1.
The size and direction of the pad pattern depend on the condition of the PCB.
Thorough design review is recommended before the final designing
This product of structured with rear/bottom electrode to be soldered.
The formation of solder fillet is not guaranteed due to its electrode shape.
2.SOLDERING (Sn-Cu, Sn-Ag-Cu, Sn-Ag-Bi-Cu)
LED products do not contain reinforcement
materials such as glass fillers.
Therefore, thermal stress by soldering greatly
influence its reliability.
The temperature conditions for reflow soldering
should therefore be set up according to the
characteristic of this product. (See Fig-2)
Number of reflow process shall be max 2 times
and these processes shall be performed in a row.
Cooling process to normal temperature shall be required
between first and second soldering process.
3.HANDLING AFTER MOUNTING
As shown right drawing, in case outside force of around
1kg is given to the device, stress is concentrated to the
jointed part between mold resin and substrate.
Therefore there is a possibility to breat the device or PCB.
Careful handing is needed as ROHM cannot guarantee the falling
of the device by outside force after mounting.
4.WASHING
Please note the following points when washing is required after soldering.
4-1) WASHING SOLVENT
Isopropyl alcohol or other alcohol solvent is recommendable.
4-2) TEMPERATURE
Below 30ºC, immersion time ; within 3 minutes.
4-3) ULTRA SONIC WASHING
Below 15/1 litter of solvent tub.
4-4) COOLING
Below 100ºC within 3 minutes.
5.EROSION GAS
Utilization in erosion gas atmosphere may degenerate the plating surface which might cause deterioration of
solder strength, optical characteristics, or functions.
Please take precautions against occurrence of gas from the surrounding parts on the occasion of custody,
and also after mounted on circuit board.
Min.1 min Max. 40sec
Max.250ºC, Within 10sec
140 to 180ºC
230 to 260ºC
(Fig-1)
(Fig-2)
0.6mm
2.45mm
Outside Force
PCB
Mold
Substrate
Soldering part
Emitting Direction
8/9
2013.09 - Rev.D


Similar Part No. - SML522BU1W

ManufacturerPart #DatasheetDescription
logo
Rohm
SML522BU1W ROHM-SML522BU1W Datasheet
336Kb / 13P
   2-color type LED
More results

Similar Description - SML522BU1W

ManufacturerPart #DatasheetDescription
logo
Rohm
SML-H12V8T ROHM-SML-H12V8T Datasheet
295Kb / 11P
   Abundant color variations
SML-H12M8TT86 ROHM-SML-H12M8TT86 Datasheet
1Mb / 8P
   Abundant color variations with diverse luminous intensity types.
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-31 ROHM-SML-31 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-210VTT86 ROHM-SML-210VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-21 ROHM-SML-21_11 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-212VTT86 ROHM-SML-212VTT86 Datasheet
1Mb / 4P
   Abundant color variations with diverse luminous intensity types
SML-522MUWT86 ROHM-SML-522MUWT86 Datasheet
1Mb / 4P
   Abundant 2 color variations
logo
List of Unclassifed Man...
UPMBB-05M ETC2-UPMBB-05M Datasheet
67Kb / 1P
   COLOR VARIATIONS MAY OCCUR
logo
Xilinx, Inc
XC4000D XILINX-XC4000D Datasheet
13Kb / 2P
   Abundant flip-flops
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com