Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1003A450 Datasheet(PDF) 1 Page - Littelfuse

Part # SL1003A450
Description  Gas Discharge Tube (GDT) Products
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1003A450 Datasheet(HTML) 1 Page - Littelfuse

  SL1003A450 Datasheet HTML 1Page - Littelfuse SL1003A450 Datasheet HTML 2Page - Littelfuse SL1003A450 Datasheet HTML 3Page - Littelfuse SL1003A450 Datasheet HTML 4Page - Littelfuse SL1003A450 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Gas Discharge Tube (GDT) Products
© 2014 Littelfuse, Inc.
Specifications are subject to change without notice.
Revised: 01/08/14
SL1003A Series
Description
Features
• RoHS compliant
• Low insertion loss
• Surface mountable
• 5kA surge capability
tested with 8/20/μs
pulse as defined by IEC
61000-4-5
• GHz working frequency
• Excellent response to
fast rising transients
• Can be used to meet
Telcordia GR1089
without series
resistance
• 10/700 6kV capability,
as per ITU-Tk.21,
enhanced test level
• 2000 Amp 2/10μs surge
rating
Applications
• Broadband equipment
• ADSL equipment
• XDSL equipment
• Satellite and CATV
equipment
• General telecom
equipment
AGENCY
AGENCY FILE NUMBER
E128662
Agency Approvals
The SL1003A series has been especially developed
for Broadband equipment. Special design features
provide high levels of protection against fast rising
transients in the 100V/μs to 1kV/μs range usually
caused by lightning disturbances.
These devices have ultra low capacitance 1.5pF and
present insignificant signal losses up to 1.5GHz.
These devices are extremely robust and are able to
divert a 5000A pulse without destruction. For AC
Power Cross of long duration, over-current protection
is recommended.
3 Electrode GDT Graphical Symbol
SL1003A Series
RoHS


Similar Part No. - SL1003A450

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
220Kb / 3P
   Greentube SL1003 Series Gas Plasma Arresters
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products SL1003A Series
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
740Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1003A450 LITTELFUSE-SL1003A450 Datasheet
140Kb / 5P
   Gas Discharge Tube (GDT) Products
More results

Similar Description - SL1003A450

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SG75 LITTELFUSE-SG75 Datasheet
652Kb / 3P
   Gas Discharge Tube (GDT) Products
SL1021B400R LITTELFUSE-SL1021B400R Datasheet
185Kb / 5P
   Gas Discharge Tube (GDT) Products
SL1011A230A LITTELFUSE-SL1011A230A Datasheet
420Kb / 6P
   Gas Discharge Tube (GDT) Products
SL1002A350SM LITTELFUSE-SL1002A350SM Datasheet
212Kb / 5P
   Gas Discharge Tube (GDT) Products
CG2230L LITTELFUSE-CG2230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SG350Q LITTELFUSE-SG350Q Datasheet
750Kb / 4P
   Gas Discharge Tube (GDT) Products
CG75L LITTELFUSE-CG75L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
SL0902A090SM LITTELFUSE-SL0902A090SM Datasheet
1Mb / 5P
   Gas Discharge Tube (GDT) Products
CG2.230L LITTELFUSE-CG2.230L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
CG2-350L LITTELFUSE-CG2-350L Datasheet
780Kb / 6P
   Gas Discharge Tube (GDT) Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com