Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF-0603S080 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # SF-0603S080
Description  SinglFuse??SF-0603S Series Features
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

SF-0603S080 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  SF-0603S080 Datasheet HTML 1Page - Bourns Electronic Solutions SF-0603S080 Datasheet HTML 2Page - Bourns Electronic Solutions SF-0603S080 Datasheet HTML 3Page - Bourns Electronic Solutions SF-0603S080 Datasheet HTML 4Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Single blow fuse for overcurrent
protection
1608 (EIA 0603) miniature footprint
Slow blow fuse
UL listed
RoHS compliant* and halogen free**
Thin film chip fuse
Surface mount packaging for automated
assembly
Electrical Characteristics
SF-0603S Series - Slow Blow Surface Mount Fuses
***Resistance value was measured with less than 10 % of rated current.
Reliability Testing
Parameter
Requirement
Test Method
Carrying Capacity ..................................... No fusing....................................................Rated current, 4 hours
Fusing Time .............................................. Within 5 seconds........................................250 % of its rated current
Interrupting Ability ..................................... No mechanical damages ...........................After the fuse is interrupted, rated voltage applied for
30 seconds again
Bending Test............................................. No mechanical damages ...........................Distance between holding points: 90 mm,
Bending: 3 mm,1time, 30 seconds
Resistance to Solder Heat........................ ±20 %.........................................................260 °C ±5 °C,10 seconds ±1 second
Solderability .............................................. 95 % coverage minimum ...........................235 °C ±5 °C, 2 ±0.5 second
245 °C ±5 °C, 2 ±0.5 second (lead free)
Temperature Rise ..................................... <75 ° ..........................................................100 % of its rated current, measure of surface
temperature
Resistance to Dry Heat............................. ±20 %.........................................................105 °C ±5 °C,1000 hours
Resistance to Solvent............................... No evident damage on protective ..............23 °C ±5 °C of isopropyl alcohol, 90 seconds coating
and marking
Residual Resistance................................. 10k W or more ...........................................Measure DC resistance after fusing
Thermal Shock ......................................... DR < 10 % .................................................-20 °C / +25 °C /+125 °C /+25 °C, 10 cycles
Typical Part Marking
Represents total content. Layout may
vary.
How to Order
SF - 0603 S 050 - 2
SinglFuse™
Product Designator
SMD Footprint
1608 (EIA 0603) size
Fuse Blow Type
F = Fast acting
S = Slow blow
Rated Current
050-500 (500 mA - 5.00 A)
Packaging Type
- 2 = Tape & Reel (5,000 pcs./reel)
RATING CURRENT (A)
F = 0.50
I = 0.63
K = 0.80
L = 1.00
M = 1.25
P = 1.50
N = 1.60
S = 2.00
T = 2.50
3 = 3.00
U = 3.15
W = 4.00
Y = 5.00
Model
Rated Current
(Amps)
Fusing Time
Resistance
(m
Ω) Typ.***
Rated Voltage
Breaking Capacity
Typical
I2t (A2s)
SF-0603S050
0.50
Open within 5 sec.
at 250 % rated
current
175
DC 50 V
DC 50 V
50 A
0.009
SF-0603S063
0.63
130
DC 32 V
DC 32 V
50 A
0.017
SF-0603S080
0.80
93
0.024
SF-0603S100
1.00
65
0.026
SF-0603S125
1.25
47
0.057
SF-0603S150
1.50
36
0.081
SF-0603S160
1.60
34
0.086
SF-0603S200
2.00
26
0.115
SF-0603S250
2.50
20
0.200
SF-0603S300
3.00
16
0.210
SF-0603S315
3.15
15
0.279
SF-0603S400
4.00
12
0.326
SF-0603S500
5.00
9
0.622
SinglFuseSF-0603S Series Features
* RoHS Directive 2002/95/EC Jan 27 2003 including Annex.
** Bourns is using the definition that appears to be the prevalent definition used as the industry standard at this time. The Bourns definition of “halogen-free” is:
Bromine (Br) content:
≤ 900 ppm; Chlorine (Cl) content: ≤ 900 ppm; Total Br + Cl content: ≤1500 ppm.
“SinglFuse” is a trademark of Bourns, Inc.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
Asia-Pacific:
Tel: +886-2 2562-4117
Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555
Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500
Fax: +1-951 781-5700
www.bourns.com


Similar Part No. - SF-0603S080

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603S080 BOURNS-SF-0603S080 Datasheet
364Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S080 BOURNS-SF-0603S080 Datasheet
368Kb / 4P
   Slow Blow Surface Mount Fuses
SF-0603S080 BOURNS-SF-0603S080 Datasheet
368Kb / 4P
   SF-0603S Series - Slow Blow Surface Mount Fuses
SF-0603S080 BOURNS-SF-0603S080 Datasheet
384Kb / 5P
   SF-0603S Series - Slow Blow Surface Mount Fuses
SF-0603S080 BOURNS-SF-0603S080 Datasheet
541Kb / 4P
   Slow Blow Surface Mount Fuses
More results

Similar Description - SF-0603S080

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SF-0603S500-2 BOURNS-SF-0603S500-2 Datasheet
384Kb / 5P
   SF-0603S Series - Slow Blow Surface Mount Fuses
SF-0603S050-2 BOURNS-SF-0603S050-2 Datasheet
368Kb / 4P
   SF-0603S Series - Slow Blow Surface Mount Fuses
SF-0603S-M BOURNS-SF-0603S-M Datasheet
268Kb / 6P
   SF-0603S-M Series - Slow Blow Multilayer Surface Mount Fuses
REV. E 03/21
SF-3812TM-T BOURNS-SF-3812TM-T Datasheet
500Kb / 9P
   SinglFuse Telefuse Telecom Protectors
logo
Sharma Electro Componen...
SF SHARMA-SF Datasheet
340Kb / 2P
   SF Series
logo
Freescale Semiconductor...
MC9S08SH32CWL FREESCALE-MC9S08SH32CWL Datasheet
1Mb / 328P
   MC9S08SH32 Series Features
MC9S08DZ16AMLF FREESCALE-MC9S08DZ16AMLF Datasheet
2Mb / 416P
   MC9S08DZ60 Series Features
MC9S08DZ60ACLH FREESCALE-MC9S08DZ60ACLH Datasheet
2Mb / 416P
   MC9S08DZ60 Series Features
MC9S08DZ60MLF FREESCALE-MC9S08DZ60MLF Datasheet
1Mb / 416P
   MC9S08DZ60 Series Features
MC9S08DN32AMLC FREESCALE-MC9S08DN32AMLC Datasheet
1Mb / 356P
   MC9S08DN60 Series Features
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com