Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC-4516CA727EF-A75 Datasheet(PDF) 8 Page - NEC

Part # MC-4516CA727EF-A75
Description  16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

MC-4516CA727EF-A75 Datasheet(HTML) 8 Page - NEC

Back Button MC-4516CA727EF-A75 Datasheet HTML 4Page - NEC MC-4516CA727EF-A75 Datasheet HTML 5Page - NEC MC-4516CA727EF-A75 Datasheet HTML 6Page - NEC MC-4516CA727EF-A75 Datasheet HTML 7Page - NEC MC-4516CA727EF-A75 Datasheet HTML 8Page - NEC MC-4516CA727EF-A75 Datasheet HTML 9Page - NEC MC-4516CA727EF-A75 Datasheet HTML 10Page - NEC MC-4516CA727EF-A75 Datasheet HTML 11Page - NEC MC-4516CA727EF-A75 Datasheet HTML 12Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Data Sheet M14409EJ2V0DS00
8
MC-4516CA727
Synchronous Characteristics
Parameter
Symbol
-A 75
Unit
Note
MIN.
MAX.
Clock cycle time
/CAS latency = 3
tCK3
7.5
(133 MHz)
ns
/CAS latency = 2
tCK2
10
(100 MHz)
ns
Access time from CLK
/CAS latency = 3
tAC3
5.4
ns
1
/CAS latency = 2
tAC2
6.0
ns
1
CLK high level width
tCH
2.5
ns
CLK low level width
tCL
2.5
ns
Data-out hold time
tOH
3.0
ns
1
Data-out low-impedance time
tLZ
0ns
Data-out high-impedance time
/CAS latency = 3
tHZ3
3.0
5.4
ns
/CAS latency = 2
tHZ2
3.0
6.0
ns
Data-in setup time
tDS
1.5
ns
Data-in hold time
tDH
0.8
ns
Address setup time
tAS
1.5
ns
Address hold time
tAH
0.8
ns
CKE setup time
tCKS
1.5
ns
CKE hold time
tCKH
0.8
ns
CKE setup time (Power down exit)
tCKSP
1.5
ns
Command (/CS0, /CS2, /RAS, /CAS, /WE,
tCMS
1.5
ns
DQMB0 - DQMB7) setup time
Command (/CS0, /CS2, /RAS, /CAS, /WE,
tCMH
0.8
ns
DQMB0 - DQMB7) hold time
Note 1. Output load
Output
Z = 50
50 pF
Remark These specifications are applied to the monolithic device.
5


Similar Part No. - MC-4516CA727EF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516CA727EF-A75 ELPIDA-MC-4516CA727EF-A75 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Similar Description - MC-4516CA727EF-A75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
MC-4516CA726 ELPIDA-MC-4516CA726 Datasheet
163Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CA727XFA ELPIDA-MC-4516CA727XFA Datasheet
168Kb / 14P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CA726 NEC-MC-4516CA726 Datasheet
149Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CA727 ELPIDA-MC-4516CA727 Datasheet
167Kb / 16P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4516CB647XFA ELPIDA-MC-4516CB647XFA Datasheet
168Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB646 NEC-MC-4516CB646 Datasheet
146Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB646 ELPIDA-MC-4516CB646 Datasheet
161Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516CB647 NEC-MC-4516CB647 Datasheet
210Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4516CB647 ELPIDA-MC-4516CB647 Datasheet
165Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4516DA727 NEC-MC-4516DA727 Datasheet
154Kb / 6P
   16M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com