Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB82526 Datasheet(PDF) 19 Page - Siemens Semiconductor Group

Part # SAB82526
Description  High-Level Serial Communication Controller Extended
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82526 Datasheet(HTML) 19 Page - Siemens Semiconductor Group

Back Button SAB82526 Datasheet HTML 15Page - Siemens Semiconductor Group SAB82526 Datasheet HTML 16Page - Siemens Semiconductor Group SAB82526 Datasheet HTML 17Page - Siemens Semiconductor Group SAB82526 Datasheet HTML 18Page - Siemens Semiconductor Group SAB82526 Datasheet HTML 19Page - Siemens Semiconductor Group SAB82526 Datasheet HTML 20Page - Siemens Semiconductor Group SAB82526 Datasheet HTML 21Page - Siemens Semiconductor Group SAB82526 Datasheet HTML 22Page - Siemens Semiconductor Group SAB82526 Datasheet HTML 23Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 126 page
background image
Semiconductor Group
19
82525
82526
82525
82526
SAB
SAB
SAF
SAF
HSCX with SAB 80188 Microprocessor
A system with minimized additional hardware expense can be with a SAB 80188
microprocessor as shown in figure 4.
Figure 4
HSCX with SAB 80188 CPU
The HSCX is connected to the demultiplexed system bus. Data transfer for one serial channel
can be done by the 2-channel on-chip DMA controller of the SAB 80188, the other channel is
serviced by interrupt. Since the SAB 80188 does not provide DMA acknowledge outputs, data
transfer from/to HSCX is controlled via CS, RD or WR address information (A0 … A6) and the
DACKA, DACKB inputs are not used.
This solution supports applications with a high speed data rate in one serial channel with
minimum hardware expense making use of the on-chip peripheral functions of the SAB 80188
(chip select logic, interrupt controller, DMA controller).
DRQ1
DRQRA
System
System Bus
ITS00949
DRQTA
DRQ0
D0 - D7
A0 - A6
Serial
Channel A
Serial
Channel B
D0-D7
A0-A6
Memory
Latches
Transceiver
A8 - A15
AD0 - AD7
SAB 80188
CPU
HSCX
SAB 82525
INTn
PSCn
+5 V
DACKA
ALE
DACKB
CS
+5 V
INT
IM1


Similar Part No. - SAB82526

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB82526 INFINEON-SAB82526 Datasheet
730Kb / 126P
   Data Communications ICs
10.94
SAB82526N INFINEON-SAB82526N Datasheet
730Kb / 126P
   Data Communications ICs
10.94
logo
Siemens Semiconductor G...
SAB82526N SIEMENS-SAB82526N Datasheet
741Kb / 126P
   High-Level Serial Communication
More results

Similar Description - SAB82526

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82525N-V21 SIEMENS-SAB82525N-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication
logo
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
logo
Zilog, Inc.
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
   ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
Z8523310VSG ZILOG-Z8523310VSG Datasheet
58Kb / 4P
   EMSCC??Enhanced Mono Serial Communication Controller
Z85233 ZILOG-Z85233 Datasheet
3Mb / 317P
   The Zilog SCC Serial Communication Controller
logo
Infineon Technologies A...
PEB20532 INFINEON-PEB20532 Datasheet
3Mb / 282P
   2 Channel Serial Optimized Communication Controller
Version 1.2 Sep. 2000
logo
Zilog, Inc.
Z8523316VSG ZILOG-Z8523316VSG Datasheet
58Kb / 4P
   EMSCC??Enhanced Mono Serial Communication Controller
Z85233 ZILOG-Z85233 Datasheet
363Kb / 19P
   EMSCC-TM ENHANCED MONO SERIAL COMMUNICATION CONTROLLER
logo
Infineon Technologies A...
PEB20534 INFINEON-PEB20534 Datasheet
4Mb / 439P
   DMA Supported Serial Communication Controller with 4 Channels
Version 2.1 May 2000
PEB20542 INFINEON-PEB20542 Datasheet
3Mb / 300P
   2 Channel Serial Optimized Communication Controller with DMA
Version 1.2 Sep. 2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com