Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAB82525H-V21 Datasheet(PDF) 40 Page - Siemens Semiconductor Group

Part No. SAB82525H-V21
Description  High-Level Serial Communication Controller Extended
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82525H-V21 Datasheet(HTML) 40 Page - Siemens Semiconductor Group

Back Button SAB82525H-V21 Datasheet HTML 36Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 37Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 38Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 39Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 40Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 41Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 42Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 43Page - Siemens Semiconductor Group SAB82525H-V21 Datasheet HTML 44Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 126 page
background image
Semiconductor Group
40
SAB 82525
SAB 82526
SAF 82525
SAF 82526
Five interrupt indications can be read directly from the ISTA register and another six interrupt
indications from the extended interrupt register (EXIR).
After the HSCX has requested an interrupt by setting its INT pin to low, the CPU must first read
the interrupt status register of channel B (ISTA-B) in the associated interrupt service routine.
The three lowest order bits (bit 2-0) of ISTA-B (ICA, EXA, EXB) point are set to those registers
in which the actual interrupt source is indicated. It is possible that several interrupt sources are
indicated referring to one interrupt request (e.g. if the ICA bit is set, at least one interrupt is
indicated in the ISTA register of channel A).
An interrupt source from channel B is implicitly indicated by bits 7-3 of ISTA-B; therefore these
bits must also always be checked.
The INT pin of the HSCX remains active until all interrupt sources are cleared by reading the
corresponding interrupt register. Therefore it is possible that the INT pin is still active when the
interrupt service routine is finished.
For some interrupt controllers or CPUs it might be necessary to generate a new edge on the
interrupt line to recognize pending interrupts. This can be done by masking all interrupts at the
end of the interrupt service routine (writing FFH into the MASK register) and write back the old
mask to the MASK register.
The HSCX interrupt sources can be logically grouped into
– receive interrupts,
– transmit interrupts, and
– special condition interrupts.
Each interrupt indication of the ISTA registers can be selectively masked by setting the
respective bit in the MASK register.
The following tables give a complete overview of the individual interrupt indications and the
cause of their activation as well as specific restrictions (marked with ’’*’’).


Similar Part No. - SAB82525H-V21

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
SAB82525H INFINEON-SAB82525H Datasheet
730Kb / 126P
   Data Communications ICs
10.94
Siemens Semiconductor Group
Siemens Semiconductor G...
SAB82525H SIEMENS-SAB82525H Datasheet
741Kb / 126P
   High-Level Serial Communication
More results

Similar Description - SAB82525H-V21

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
SAB82525N-V21 SIEMENS-SAB82525N-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication
TEMIC Semiconductors
TEMIC Semiconductors
TSC87251G1A TEMIC-TSC87251G1A Datasheet
341Kb / 52P
   Extended 8-bit Microcontroller with Serial Communication
Zilog, Inc.
Zilog, Inc.
Z80230 ZILOG-Z80230 Datasheet
103Kb / 12P
   ESCC??ENHANCED SERIAL COMMUNICATION CONTROLLER
Z85233 ZILOG-Z85233 Datasheet
3Mb / 317P
   The Zilog SCC Serial Communication Controller
Infineon Technologies AG
Infineon Technologies A...
PEB20532 INFINEON-PEB20532 Datasheet
3Mb / 282P
   2 Channel Serial Optimized Communication Controller
Version 1.2 Sep. 2000
Zilog, Inc.
Zilog, Inc.
Z8523310VSG ZILOG-Z8523310VSG Datasheet
58Kb / 4P
   EMSCC??Enhanced Mono Serial Communication Controller
Z8523316VSG ZILOG-Z8523316VSG Datasheet
58Kb / 4P
   EMSCC??Enhanced Mono Serial Communication Controller
Z85233 ZILOG-Z85233 Datasheet
363Kb / 19P
   EMSCC-TM ENHANCED MONO SERIAL COMMUNICATION CONTROLLER
Intel Corporation
Intel Corporation
8044AH INTEL-8044AH Datasheet
1Mb / 26P
   HIGH PERFORMANCE 8 BIT MICROCONTROLLER WITH ON CHIP SERIAL COMMUNICATION CONTROLLER
Infineon Technologies AG
Infineon Technologies A...
PEB20534 INFINEON-PEB20534 Datasheet
4Mb / 439P
   DMA Supported Serial Communication Controller with 4 Channels
Version 2.1 May 2000
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz