Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

9000 Datasheet(PDF) 1 Page - Coto Technology

Part # 9000
Description  9000 SERIES/MOLDED SIP REED RELAYS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COTO [Coto Technology]
Direct Link  http://www.cotorelay.com
Logo COTO - Coto Technology

9000 Datasheet(HTML) 1 Page - Coto Technology

  9000 Datasheet HTML 1Page - Coto Technology 9000 Datasheet HTML 2Page - Coto Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DIMENSIONS
in Inches (Millimeters)
9000 Series High Performance SIP Reed Relays
The SIP relay is the industry standard when high reliability and consistent perfor-
mance are desired in a compact package. The 9001 and 9002 are high performance
relays ideally suited for Automatic Test Equipment, Instrumentation, RF and Tele-
communications applications. The specification tables allow you to select the appropri-
ate relay for your application.
9000 Series Features
u
High Insulation Resistance - 1012Ω minimum (1013Ω typical)
u
High reliability, hermetically sealed contacts for long life
(tested up to 1 Billion Operations)
u
High dielectric strength available, consult factory
u
High speed switching compared to electromechanical relays
u
Molded thermoset body on integral lead frame design
u
Coaxial Shield for 50Ω impedance and switching of fast rise time
digital pulses - 9002 only
u
Optional Coil Suppression Diode - protects coil drive circuits
u
UL File #E67117, CSA File #028537 - Contact factory for details
u
RoHS compliant
Ordering Information
Part Number
Model Number
9001 9002
Coil Voltage
05=5 volts
12=12 volts
Magnetic Shield Option
0 = No Shield
1 = Shield
General Options
0 = No Diode
1 = Diode2
90XX-XX-XX
.300 Max (7.6)
.320 Max. (8.1) w/Shell
.200 Max (5.08)
.222 Max. (5.64) w/Shell
.760 Max (19.3)
.780 Max.
(19.8) w/Shell
.010
(0.25)
.020
(0.5)
.133
(3.4) Max.
.200 (Typ.)
(5.08)
.020 REF.
(0.51)
.300 Max (7.6)
.320 Max. (8.1) w/Shell
.200 Max (5.08)
.222 Max. (5.64) w/Shell
.760 Max (19.3)
.780 Max.
(19.8) w/Shell
.010
(0.25)
.020
(0.5)
.133
(3.4) Max.
.200 (Typ.)
(5.08)
.100 (Typ.)
(2.54)
Model 9002
Model 9001
9000 SERIES/MOLDED SIP REED RELAYS
30o
.300 Max (7.6)
.320 Max. (8.1) w/Shell
.200 Max (5.08)
.222 Max. (5.64) w/Shell
.760 Max (19.3)
.780 Max.
(19.8) w/Shell
.010
(0.25)
.133
(3.4) Max.
.020
(0.5)
.020 REF.
(0.51)
.200 (Typ.)
(5.08)
Alternate Package
u
For RF Graph Performance, see “RF Graphs” section
of the Reed Relay Technical & Application Information
NOTE
tel: (401) 943.2686
|
fax: (401) 942.0920
32 | page


Similar Part No. - 9000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Intel Corporation
9000 INTEL-9000 Datasheet
1Mb / 108P
   Dual-Core Intel Itanium Processor
logo
C&K Components
9000 CK-COMPONENTS-9000 Datasheet
357Kb / 5P
   Power Toggle Switches
logo
XFMRS Inc.
9000 XFMRS-9000 Datasheet
8Kb / 1P
   Contact XFMRS
logo
Keysight Technologies
9000 KEYSIGHT-9000 Datasheet
4Mb / 32P
   Infiniium 9000 Series Oscilloscopes
More results

Similar Description - 9000

ManufacturerPart #DatasheetDescription
logo
Coto Technology
9001-05-00 COTO-9001-05-00 Datasheet
273Kb / 2P
   Molded SIP Reed Relays
logo
RHOPOINT COMPONENTS
9001 RHOPOINT-9001 Datasheet
88Kb / 2P
   Molded SIP Reed Relays
logo
List of Unclassifed Man...
SIL4 ETC1-SIL4 Datasheet
609Kb / 7P
   SIP SERIES REED RELAYS
logo
Coto Technology
9007-05-00 COTO-9007-05-00 Datasheet
315Kb / 2P
   Spartan SIP Reed Relays
logo
DB Lectro Inc
101R-1A12D2 DBLECTRO-101R-1A12D2 Datasheet
967Kb / 2P
   SIP, DIP REED RELAYS
logo
List of Unclassifed Man...
9000 ETC-9000 Datasheet
68Kb / 2P
   Spartan SIP Reed Relays
logo
Coto Technology
9007 COTO-9007 Datasheet
557Kb / 2P
   9007 SERIES/SPARTAN SIP REED RELAYS
9104-05-10 COTO-9104-05-10 Datasheet
241Kb / 2P
   Hi Voltage SIP Reed Relays
9104 COTO-9104 Datasheet
590Kb / 2P
   9104 SERIES/HIGH VOLTAGE SIP REED RELAYS
logo
Meder Electronic
DIP12-1A75-13L MEDER-DIP12-1A75-13L Datasheet
493Kb / 1P
   Molded DIP Reed Relays
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com