Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1470 Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SD1470
Description  Silicon NPN Epitaxial, Darlington
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1470 Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SD1470 Datasheet HTML 1Page - Hitachi Semiconductor 2SD1470 Datasheet HTML 2Page - Hitachi Semiconductor 2SD1470 Datasheet HTML 3Page - Hitachi Semiconductor 2SD1470 Datasheet HTML 4Page - Hitachi Semiconductor 2SD1470 Datasheet HTML 5Page - Hitachi Semiconductor 2SD1470 Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SD1470
4
Saturation Voltage vs.
Collector Curret
Collector Current IC (mA)
10
3
1.0
0.3
0.1
10
30
300
100
Ta = 25
°C
IC/IB = 1,000
1,000
VBE(sat)
VCE(sat)
Transient Thermal Resistance
Time t (s)
300
100
30
10
3
1.0
0.3
1 m
10 m
100 m
1
100
1,000
10
Ta = 25
°C
On the alumina ceramic board(12.5
× 30 × 0.7 mm)


Similar Part No. - 2SD1470

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD1470 RENESAS-2SD1470 Datasheet
193Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1470ATTR-E RENESAS-2SD1470ATTR-E Datasheet
193Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results

Similar Description - 2SD1470

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SD1209 HITACHI-2SD1209 Datasheet
31Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
   Silicon NPN Epitaxial, Darlington
2SD1978 HITACHI-2SD1978 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2213 HITACHI-2SD2213 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2423 HITACHI-2SD2423 Datasheet
34Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC3957 HITACHI-2SC3957 Datasheet
33Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1978 RENESAS-2SD1978 Datasheet
159Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1472 RENESAS-2SD1472_15 Datasheet
127Kb / 8P
   Silicon NPN Epitaxial, Darlington
logo
Hitachi Semiconductor
2SD2046 HITACHI-2SD2046 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1209 RENESAS-2SD1209 Datasheet
156Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com