Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8408FP Datasheet(PDF) 9 Page - Analog Devices

Part # DAC8408FP
Description  Quad 8-Bit Multiplying CMOS D/A Converter with Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

DAC8408FP Datasheet(HTML) 9 Page - Analog Devices

Back Button DAC8408FP Datasheet HTML 5Page - Analog Devices DAC8408FP Datasheet HTML 6Page - Analog Devices DAC8408FP Datasheet HTML 7Page - Analog Devices DAC8408FP Datasheet HTML 8Page - Analog Devices DAC8408FP Datasheet HTML 9Page - Analog Devices DAC8408FP Datasheet HTML 10Page - Analog Devices DAC8408FP Datasheet HTML 11Page - Analog Devices DAC8408FP Datasheet HTML 12Page - Analog Devices DAC8408FP Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
DAC8408
–9–
REV. A
Figure 4. Equivalent DAC Circuit (AII Digital Inputs LOW)
DIGITAL SECTION
Figure 5 shows the digital input/output structure for one bit.
The digital WR, WR, and RD controls shown in the figure are
internally generated from the external A/B, R/W, DS1, and DS2
signals. The combination of these signals decide which DAC is
selected. The digital inputs are CMOS inverters, designed such
that TTL input levels (2.4 V and 0.8 V) are converted into
CMOS logic levels. When the digital input is in the region of 1.2 V
to 1.8 V, the input stages operate in their linear region and draw
current from the +5 V supply (see Typical Supply Current vs.
Logic Level curve on page 6). It is recommended that the digital
input voltages be as close to VDD and DGND as is practical in
order to minimize supply currents. This allows maximum sav-
ings in power dissipation inherent with CMOS devices. The
three-state readback digital output drivers (in the active mode)
provide TTL-compatible digital outputs with a fan-out of one
TTL load. The three state digital readback leakage-current is
typically 5 nA.
Figure 5. Digital Input/Output Structure
INTERFACE LOGIC SECTION
DAC Operating Modes
• All DACs in HOLD MODE.
• DAC A, B, C, or D individually selected (WRITE MODE).
• DAC A, B, C, or D individually selected (READ MODE).
• DACs A and C simultaneously selected (WRITE MODE).
• DACs B and D simultaneously selected (WRITE MODE).
DAC Selection: Control inputs, DS1, DS2, and A/B select
which DAC can accept data from the input port (see Mode Se-
lection Table).
Mode Selection: Control inputs DS and R/W control the oper-
ating mode of the selected DAC.
Write Mode: When the control inputs DS and R/W are both
low, the selected DAC is in the write mode. The input data
latches of the selected DAC are transparent, and its analog out-
put responds to activity on the data inputs DB0–DB7.
Hold Mode: The selected DAC latch retains the data that was
present on the bus line just prior to DS or R/W going to a high
state. All analog outputs remain at the values corresponding to
the data in their respective latches.
Read Mode: When DS is low and R/W is high, the selected
DAC is in the read mode, and the data held in the appropriate
latch is put back onto the data bus.
MODE SELECTION TABLE
Control Logic
DS1
DS2
A/B
R/W
Mode
DAC
L
H
H
L
WRITE
A
L
H
L
L
WRITE
B
H
L
H
L
WRITE
C
H
L
L
L
WRITE
D
L
H
H
H
READ
A
L
H
L
H
READ
B
H
L
H
H
READ
C
H
L
L
H
READ
D
L
L
H
L
WRITE
A&C
L
L
L
L
WRITE
B&D
H
H
X
X
HOLD
A/B/C/D
L
L
H
H
HOLD
A/B/C/D
L
L
L
H
HOLD
A/B/C/D
L = Low State, H = High State, X = Irrelevant


Similar Part No. - DAC8408FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8408FP AD-DAC8408FP Datasheet
217Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FP AD-DAC8408FP Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FPC AD-DAC8408FPC Datasheet
217Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FPC3 AD-DAC8408FPC3 Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FPZ AD-DAC8408FPZ Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
More results

Similar Description - DAC8408FP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
DAC8408FPZ AD-DAC8408FPZ Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
DAC8408FSZ-REEL AD-DAC8408FSZ-REEL Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
logo
Maxwell Technologies
8408 MAXWELL-8408 Datasheet
472Kb / 20P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
logo
Analog Devices
DAC8408 AD-DAC8408_15 Datasheet
220Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
DAC8408 AD-DAC8408 Datasheet
217Kb / 16P
   Quad 8-Bit Multiplying CMOS D/A Converter with Memory
REV. A
PM7524FS AD-PM7524FS Datasheet
721Kb / 10P
   CMOS 8-Bit Buffered Multiplying D/A Converter
REV. C
logo
NXP Semiconductors
MC1508-8 PHILIPS-MC1508-8 Datasheet
132Kb / 6P
   8-bit multiplying D/A converter
August 31, 1994
logo
Analog Devices
PM7628FP AD-PM7628FP Datasheet
766Kb / 16P
   Dual 8-Bit Buffered Multiplying CMOS D/A Converter
REV. A
PM7528FPZ AD-PM7528FPZ Datasheet
1Mb / 5P
   DUAL 8-BIT BUFFERED MULTIPLYING CMOS D/A CONVERTER
REV. C
logo
NXP Semiconductors
MC1408-8 PHILIPS-MC1408-8 Datasheet
127Kb / 10P
   8-bit multiplying D/A converter
2001 Aug 03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com