Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ICL3238 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ICL3238
Description  1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3238 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ICL3238 Datasheet HTML 6Page - Intersil Corporation ICL3238 Datasheet HTML 7Page - Intersil Corporation ICL3238 Datasheet HTML 8Page - Intersil Corporation ICL3238 Datasheet HTML 9Page - Intersil Corporation ICL3238 Datasheet HTML 10Page - Intersil Corporation ICL3238 Datasheet HTML 11Page - Intersil Corporation ICL3238 Datasheet HTML 12Page - Intersil Corporation ICL3238 Datasheet HTML 13Page - Intersil Corporation ICL3238 Datasheet HTML 14Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
10
FN4876.10
March 1, 2006
With any of the above control schemes, the time required to
exit powerdown, and resume transmission is only 100
µs.
When using both manual and enhanced automatic powerdown
(FORCEON = 0), the ICL32XX won’t power up from manual
powerdown until both FORCEOFF and FORCEON are driven
high, or until a transition occurs on a receiver or transmitter
input. Figure 5 illustrates a circuit for ensuring that the ICL32XX
powers up as soon as FORCEOFF switches high. The rising
edge of the Master Powerdown signal forces the device to
power up, and the ICL32XX returns to enhanced automatic
powerdown mode an RC time constant after this rising edge.
The time constant isn’t critical, because the ICL32XX remains
powered up for 30 seconds after the FORCEON falling edge,
even if there are no signal transitions. This gives slow-to-wake
systems (e.g., a mouse) plenty of time to start transmitting, and
as long as it starts transmitting within 30 seconds both systems
remain enabled.
INVALID Output
The INVALID output always indicates (see Table 2) whether
or not 30
µs have elapsed with invalid RS-232 signals (see
Figures 6 and 8) persisting on all of the receiver inputs, giving
the user an easy way to determine when the interface block
should power down. Invalid receiver levels occur whenever
the driving peripheral’s outputs are shut off (powered down) or
when the RS-232 interface cable is disconnected. In the case
of a disconnected interface cable where all the receiver inputs
are floating (but pulled to GND by the internal receiver pull
down resistors), the INVALID logic detects the invalid levels
and drives the output low. The power management logic then
uses this indicator to power down the interface block.
Reconnecting the cable restores valid levels at the receiver
inputs, INVALID switches high, and the power management
logic wakes up the interface block. INVALID can also be used
to indicate the DTR or RING INDICATOR signal, as long as
the other receiver inputs are floating, or driven to GND (as in
the case of a powered down driver).
Enhanced Automatic Powerdown
Even greater power savings is available by using these
devices which feature an enhanced automatic powerdown
function. When the enhanced powerdown logic determines
that no transitions have occurred on any of the transmitter
nor receiver inputs for 30 seconds, the charge pump and
transmitters powerdown, thereby reducing supply current to
1
µA. The ICL32XX automatically powers back up whenever
it detects a transition on one of these inputs. This automatic
powerdown feature provides additional system power
savings without changes to the existing operating system.
Enhanced automatic powerdown operates when the
FORCEON input is low, and the FORCEOFF input is high.
Tying FORCEON high disables automatic powerdown, but
manual powerdown is always available via the overriding
FORCEOFF input. Table 2 summarizes the enhanced
automatic powerdown functionality.
FIGURE 4. CONNECTIONS FOR MANUAL POWERDOWN
WHEN NO VALID RECEIVER SIGNALS ARE
PRESENT
PWR
FORCEOFF
INVALID
CPU
I/O
FORCEON
ICL32XX
MGT
LOGIC
UART
FIGURE 5. CIRCUIT TO ENSURE IMMEDIATE POWER UP
WHEN EXITING FORCED POWERDOWN
FORCEOFF
FORCEON
POWER
MASTER POWERDOWN LINE
1M
0.1
µF
MANAGEMENT
UNIT
ICL32XX
FIGURE 6. DEFINITION OF VALID RS-232 RECEIVER LEVELS
0.3V
-0.3V
-2.7V
2.7V
INVALID LEVEL - INVALID = 0
VALID RS-232 LEVEL - INVALID = 1
VALID RS-232 LEVEL - INVALID = 1
INDETERMINATE
INDETERMINATE
FIGURE 7. ENHANCED AUTOMATIC POWERDOWN LOGIC
30sec
TIMER
S
R
FORCEOFF
AUTOSHDN
FORCEON
R_IN
T_IN
EDGE
DETECT
EDGE
DETECT
ICL3224, ICL3226, ICL3238, ICL3244


Similar Part No. - ICL3238

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3238 INTERSIL-ICL3238 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3238 INTERSIL-ICL3238 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3238 RENESAS-ICL3238 Datasheet
410Kb / 27P
   1μA, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic
May.29.19
logo
Intersil Corporation
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
   -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3238E INTERSIL-ICL3238E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
More results

Similar Description - ICL3238

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3225 RENESAS-ICL3225 Datasheet
830Kb / 19P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3225 INTERSIL-ICL3225_06 Datasheet
380Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3227 INTERSIL-ICL3227 Datasheet
535Kb / 20P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3225 INTERSIL-ICL3225 Datasheet
461Kb / 18P
   1 Microamp, 3V to 5.5V, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
141Kb / 13P
   1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com