Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D1D60 Datasheet(PDF) 1 Page - Crydom Inc.,

Part # D1D60
Description  Relays are easily paralleled for higher-current applications
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYDOM [Crydom Inc.,]
Direct Link  http://www.crydom.com/en/index.shtml
Logo CRYDOM - Crydom Inc.,

D1D60 Datasheet(HTML) 1 Page - Crydom Inc.,

  D1D60 Datasheet HTML 1Page - Crydom Inc., D1D60 Datasheet HTML 2Page - Crydom Inc., D1D60 Datasheet HTML 3Page - Crydom Inc., D1D60 Datasheet HTML 4Page - Crydom Inc.,  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Series 1-DC
• MOSFET output
• Ratings from 60A to 100A @ 100 VDC
• DC control
• Relays are easily paralleled for higher-current applications
PRODUCT SELECTION
Control Voltage
60A
80A
100A
3.5-32 VDC
D1D60
D1D80
D1D100
OUTPUT SPECIFICATIONS (1)
Description
D1D60
D1D80
D1D100
Operating Voltage [Vdc]
0-100 VDC
0-100 VDC
0-100 VDC
Maximum Off-State Leakage Current @ Rated Voltage [mA]
0.1
0.2
0.3
Maximum On-State Resistance @ Rated Current [RDS-ON][Ohms]
0.010
0.008
0.005
Maximum Load Current (3) [Adc]
60
80
100
Minimum Load Current [mA]
5
5
5
Maximum Surge Current [Adc] (10ms)
180
220
330
Maximum On-State Voltage Drop @ Rated Current [Vdc]
0.6
0.7
0.5
Thermal Resistance Junction to Case (Rjc) [°C/W]
0.6
0.47
0.32
INPUT SPECIFICATIONS (1)
Description
DC Control
Control Voltage Range
3.5-32 VDC
Minimum Turn-On Voltage
3.5 VDC
Minimum Turn-Off Voltage
1.0 VDC
Maximum Input Current
1.6 mA (5 VDC), 28 mA (32 VDC)
Nominal Input Impedance
See Note 4
Maximum Turn-On Time [μsec]
300
Maximum Turn-Off Time [msec]
1.0
GENERAL SPECIFICATIONS
Description
Parameters
Dielectric Strength, Input/Output/Base (50/60Hz)
2500 Vrms
Minimum Insulation Resistance (@ 500 V DC)
109 Ohm
Maximum Capacitance, Input/Output
50 pF
Ambient Operating Temperature Range
-30 to 80°C
Ambient Storage Temperature Range
-40 to 125 °C
Weight (typical)
3.0 oz (86.5g)
Encapsulation
Thermally conductive Epoxy
Terminals
Screws and Saddle Clamps Furnished, Unmounted
Recommended Terminal Screw Torque Range:
6-32 Screws - 10 in lbs. 8-32 and 10-32 Screws -20 in. lbs. (Screws dry without grase)
GENERAL NOTES
1) All parameters at 25°C and per section unless otherwise specified.
2) Dielectric strength and insulation resistance are measured between input and output
3) Heat sinking required, see derating curves.
4) Input circuitry version incorporates active current limiter.


Similar Part No. - D1D60

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D1D07 CRYDOM-D1D07 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D1D07 CRYDOM-D1D07 Datasheet
890Kb / 5P
   panel mount
D1D07 CRYDOM-D1D07 Datasheet
973Kb / 8P
   Improved SEMS screw and washer
logo
Sensata Technologies, I...
D1D07 SENSATA-D1D07 Datasheet
720Kb / 7P
   PANEL MOUNT SOLID STATE RELAYS
logo
Crydom Inc.,
D1D07L CRYDOM-D1D07L Datasheet
899Kb / 5P
   panel mount
More results

Similar Description - D1D60

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D1D100 CRYDOM-D1D100 Datasheet
644Kb / 4P
   Relays are easily paralleled for higher-current applications
logo
Littelfuse
EC103 LITTELFUSE-EC103_10 Datasheet
381Kb / 10P
   Sensitive gate SCRs are easily triggered with microAmps of current
logo
M.S. Kennedy Corporatio...
MSK3018 MSK-MSK3018_15 Datasheet
146Kb / 5P
   Designed for Higher Current, Bottom Side Braking
logo
Tyco Electronics
EJT MACOM-EJT Datasheet
428Kb / 6P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
1EJT1 MACOM-1EJT1_1 Datasheet
89Kb / 2P
   Compact RFI Filter with IEC Connector for Higher Frequency Applications
logo
List of Unclassifed Man...
7343-2USRC ETC1-7343-2USRC Datasheet
87Kb / 5P
   The series is specially designed for applications requiring higher brightness.
logo
Monolithic Power System...
MP103 MPS-MP103 Datasheet
711Kb / 20P
   Higher Power Offline Inductor-Less Regulator For Low Power Applications
logo
Surge Components
SPD2W151MND2535 SURGE-SPD2W151MND2535 Datasheet
313Kb / 2P
   Smaller size with higher ripple current
logo
NXP Semiconductors
TEA1713 NXP-TEA1713 Datasheet
333Kb / 2P
   Higher integration for higher effi ciency in power supplies
2010
logo
Surge Components
SPG2W471MND3550 SURGE-SPG2W471MND3550 Datasheet
370Kb / 3P
   Smaller size with higher ripple current
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com