Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS22922 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS22922
Description  Fast Transient Response Linear Regulator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS22922 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS22922 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 6Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 7Page - List of Unclassifed Manufacturers PS22922 Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PS22922
Plessey Semiconductors Ltd, Tamerton Road, Roborough, Plymouth, UK PL6 7BQ
Data Sheet 292204 issue 1
Tel: +44 (0)1752 693000
Fax: +44 (0)1752 693200
Web: www.plesseysemiconductors.com
email: sales@plesseysemi.com; October 12, 2010
2
Pin Description
Symbol
Pin #
SOT223
Description
EN
N/A
Enable pin. It controls the electrical on/off of the device. When connected to
logic low, the device shuts off and consumes less than 1µA of current. Logic
high will resume normal operation.
ByPass
N/A
Bypass pin. Connect an external capacitor from BYP to ground to bypass the
noise generated by the internal bandgap. This improves power supply rejection
ratio and output noise.
A minimum capacitor of 220pF is recommended.
VIN
1
Input supply pin. Connect a 10µF capacitor between this pin and ground.
NC
N/A
No connect.
FB
N/A
Feedback Voltage. A resistor network of two resistors is used to set-up the
output voltage connected between Vout and GND. The center tap of the two
resistors is connected to FB pin. For fixed voltage options, the resistors are
internally connected to VOUT.
VOUT
3
Regulated output Voltage. Connect a 10µF capacitor from this pin to ground.
PG
N/A
Power good. It is an open collector, active high output that indicates the status
of the output voltage. When output voltage (VOUT) exceeds the PG trip threshold,
the PG pin goes in to a high impedance state. When the device is out of
regulation or shutdown, the PG pin is pulled low. A 10K
to 1M
resistor
should be connected from PG to VOUT.
GND
2
Ground connection.
Tab
Expose pad. Connected to PCB ground plane for good thermal dissipation.
NB: N/A = Not available in the shown package type
Pin Configuration
SOT223 (Top View)


Similar Part No. - PS22922

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS22921 ETC2-PS22921 Datasheet
468Kb / 8P
   12V, 500mA Fast Transient Response Linear Regulator
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
More results

Similar Description - PS22922

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS22924 ETC2-PS22924 Datasheet
585Kb / 9P
   Fast Transient Response Linear Regulator
logo
ON Semiconductor
NCV8177 ONSEMI-NCV8177_18 Datasheet
352Kb / 13P
   Linear Voltage Regulator Fast Transient Response
March, 2018 ??Rev. 5
logo
Richtek Technology Corp...
RT9166B RICHTEK-RT9166B Datasheet
181Kb / 9P
   600mA, Ultra-Fast Transient Response Linear Regulator
logo
List of Unclassifed Man...
PS22921 ETC2-PS22921 Datasheet
468Kb / 8P
   12V, 500mA Fast Transient Response Linear Regulator
logo
ON Semiconductor
NCP177 ONSEMI-NCP177 Datasheet
584Kb / 11P
   Linear Voltage Regulator - Fast Transient Response, Enable
October, 2019 ??Rev. 5
logo
Monolithic Power System...
EV20046DN-00A MPS-EV20046DN-00A Datasheet
114Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
EV20046DQ-00A MPS-EV20046DQ-00A Datasheet
194Kb / 4P
   Fast Transient Response, 2A Linear Regulator EV Board
logo
Advanced Power Electron...
APE8858A A-POWER-APE8858A Datasheet
134Kb / 7P
   FAST TRANSIENT RESPONSE LINEAR CONTROLLER
logo
Anpec Electronics Corop...
APL5337 ANPEC-APL5337 Datasheet
600Kb / 18P
   Source and Sink, 2A, Fast Transient Response Linear Regulator
APL5336 ANPEC-APL5336 Datasheet
709Kb / 18P
   Source and Sink, 1.5A, Fast Transient Response Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com