Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD1209K Datasheet(PDF) 4 Page - Hitachi Semiconductor

Part # 2SD1209K
Description  Silicon NPN Epitaxial, Darlington
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

2SD1209K Datasheet(HTML) 4 Page - Hitachi Semiconductor

  2SD1209K Datasheet HTML 1Page - Hitachi Semiconductor 2SD1209K Datasheet HTML 2Page - Hitachi Semiconductor 2SD1209K Datasheet HTML 3Page - Hitachi Semiconductor 2SD1209K Datasheet HTML 4Page - Hitachi Semiconductor 2SD1209K Datasheet HTML 5Page - Hitachi Semiconductor 2SD1209K Datasheet HTML 6Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
2SD1209(K)
4
0.1
0.05
0.02
0.01
0.1
0.5
0.2
10
0.5
1.0
0.2
Base to Emitter Voltage VBE (V)
Typical Transfer Characteristics
25
10
VCE = 3 V
Ta = 25
°C
Pulse
1.0
0.5
0.2
0.01
0.1
5
2
10
0.02
0.05
Collector Current IC (A)
Collector to Emitter Saturation
Voltage vs. Collector Current
0.2
0.1
0.5
1.0
IC = 1000 IB
Pulse
Ta = –25
°C
25
75
1.0
2
5
0.5
0.2
0.01
0.1
10
0.02
0.05
Collector Current IC (A)
Base to Emitter Saturation Voltage
vs. Collector Current
0.2
0.1
0.5
1.0
Ta = –25
°C
25
75
IC = 1000 IB
Pulse


Similar Part No. - 2SD1209K

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SD1209K RENESAS-2SD1209K Datasheet
156Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1209KTZ-E RENESAS-2SD1209KTZ-E Datasheet
156Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results

Similar Description - 2SD1209K

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
2SC1472 HITACHI-2SC1472 Datasheet
47Kb / 8P
   Silicon NPN Epitaxial, Darlington
2SD1470 HITACHI-2SD1470 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1978 HITACHI-2SD1978 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2213 HITACHI-2SD2213 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD2423 HITACHI-2SD2423 Datasheet
34Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SC3957 HITACHI-2SC3957 Datasheet
33Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1978 RENESAS-2SD1978 Datasheet
159Kb / 6P
   Silicon NPN Epitaxial, Darlington
2SD1472 RENESAS-2SD1472_15 Datasheet
127Kb / 8P
   Silicon NPN Epitaxial, Darlington
logo
Hitachi Semiconductor
2SD2046 HITACHI-2SD2046 Datasheet
32Kb / 6P
   Silicon NPN Epitaxial, Darlington
logo
Renesas Technology Corp
2SD1209 RENESAS-2SD1209 Datasheet
156Kb / 6P
   Silicon NPN Epitaxial, Darlington
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com