Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS20039 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # PS20039
Description  DVB-S Satellite Tuner with RF bypass
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PS20039 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button PS20039 Datasheet HTML 16Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 17Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 18Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 19Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 20Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 21Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 22Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 23Page - List of Unclassifed Manufacturers PS20039 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
PS20039
Data Sheet
22
SDA
I2C serial data input/output
23
P0
Switching port output.
Open Drain
'0' = disabled (high impedance)
'1' = enabled.
24
25
XCAP
XTAL
Reference oscillator crystal inputs.
XTAL pin can be used for external
reference via 10nF capacitor.
See applications diagram for
recommended external components
(10.111 MHz)
26
VccDIG
+3.3 V voltage supply for digital logic.
27
VccCP
+3.3 V voltage supply for varactor
tuning.
28
PUMP
Charge pump output.
Pin#
Name
Description
Schematic
SDA
CMOS Digital input/output
P0
CMOS Digital output
XCAP
0.2 mA
XTAL
100
Vcc
PUMP
Vcc
Data Sheet 291467 issue 1
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
20


Similar Part No. - PS20039

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
More results

Similar Description - PS20039

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS20037 ETC2-PS20037 Datasheet
2Mb / 32P
   DVB-S Satellite Tuner with RF bypass
logo
Zarlink Semiconductor I...
ZL10038LDG ZARLINK-ZL10038LDG Datasheet
939Kb / 38P
   Digital Satellite Tuner with RF Bypass
ZL10037 ZARLINK-ZL10037 Datasheet
410Kb / 33P
   Digital Satellite Tuner with RF Bypass
logo
Intel Corporation
CE5037 INTEL-CE5037 Datasheet
337Kb / 31P
   Digital Satellite Tuner with RF Bypass
logo
Zarlink Semiconductor I...
ZL10039 ZARLINK-ZL10039 Datasheet
694Kb / 35P
   Digital Satellite Tuner with RF Bypass
logo
Intel Corporation
HGCE5038882068 INTEL-HGCE5038882068 Datasheet
736Kb / 41P
   DVB-S2 Advanced Modulation Satellite Tuner
CE6313 INTEL-CE6313 Datasheet
466Kb / 24P
   DVB-S Satellite Demodulator
logo
List of Unclassifed Man...
PS20313 ETC2-PS20313 Datasheet
1Mb / 26P
   DVB-S Satellite Demodulator
logo
Silicon Laboratories
SI2107 SILABS-SI2107 Datasheet
952Kb / 80P
   SATELLITE RECEIVER FOR DVB-S/DSS
SI2166-B20 SILABS-SI2166-B20 Datasheet
55Kb / 2P
   DVB-S/S2 Satellite TV Demodulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com