Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLB111010 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PLB111010
Description  Industry standard PLCC-2
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PLB111010 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PLB111010 Datasheet HTML 1Page - List of Unclassifed Manufacturers PLB111010 Datasheet HTML 2Page - List of Unclassifed Manufacturers PLB111010 Datasheet HTML 3Page - List of Unclassifed Manufacturers PLB111010 Datasheet HTML 4Page - List of Unclassifed Manufacturers PLB111010 Datasheet HTML 5Page - List of Unclassifed Manufacturers PLB111010 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLB111010 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PLESSEY| TAMERTON ROAD | ROBOROUGH | PLYMOUTH | DEVON | PL6 7BQ
Phone: +44 1752 693000
Fax: +44 1752 693200
Web: www.plesseysemi.com
Datasheet No 292096 Issue 2
Page 1 of 7
MAGIC LED PLB111010 Series
Advanced Datasheet
Description
Plessey MAGIC PLB111010 PLCC-2 SMT LEDs are designed for ambient
decorative lighting and automotive interior applications. The light is emitted close to a
Lambertian distribution and hence this SMT package is naturally suitable for
backlighting instrument cluster panel and symbols. The LEDs are packed in reels
containing 2000 pieces; every reel will be shipped in single intensity and colour bin,
to provide close uniformity.
Features
Industry standard PLCC-2
Clear resin
High reliability LED package
Die using GaN-on-Silicon technology
Wide viewing angle at 120°(half maximum)
JEDEC MSL 4
Applications
Decoration lighting
Instrument panel backlighting
Illumination symbols


Similar Part No. - PLB111010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB111020 ETC1-PLB111020 Datasheet
716Kb / 11P
   MAGIC LED
PLB111020-M ETC1-PLB111020-M Datasheet
716Kb / 11P
   MAGIC LED
PLB111020-P ETC1-PLB111020-P Datasheet
716Kb / 11P
   MAGIC LED
PLB111020-T ETC1-PLB111020-T Datasheet
716Kb / 11P
   MAGIC LED
More results

Similar Description - PLB111010

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB124050 ETC2-PLB124050 Datasheet
361Kb / 10P
   Industry standard 3020 in PLCC-2
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-A100-J00J1 AVAGO-HSMS-A100-J00J1 Datasheet
356Kb / 13P
   PLCC-2, Surface Mount LED Indicator Industry standard PLCC-2 package
logo
Seoul Semiconductor
UPGT801-S SEOUL-UPGT801-S Datasheet
287Kb / 12P
   Industry Standard PLCC SMT package
UYGT801-S SEOUL-UYGT801-S Datasheet
335Kb / 13P
   Industry Standard PLCC SMT package
LUYT801-S SEOUL-LUYT801-S Datasheet
373Kb / 13P
   Industry Standard PLCC SMT package
FAT801-S SEOUL-FAT801-S Datasheet
316Kb / 13P
   Industry Standard PLCC SMT package
ERT801-S SEOUL-ERT801-S Datasheet
342Kb / 13P
   Industry Standard PLCC SMT package Available in multiple colors
logo
Vishay Siliconix
VLMF3100 VISHAY-VLMF3100 Datasheet
194Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.4, 26-Sep-13
VLMS3100 VISHAY-VLMS3100 Datasheet
177Kb / 8P
   Standard SMD LED PLCC-2
Rev. 1.5, 31-Jul-15
VLMO31 VISHAY-VLMO31 Datasheet
174Kb / 7P
   Standard SMD LED PLCC-2
Rev. 1.5, 03-Aug-15
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com