Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDA1001SS Datasheet(PDF) 1 Page - Sensitron

Part # SDA1001SS
Description  DIODE ARRAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SDA1001SS Datasheet(HTML) 1 Page - Sensitron

  SDA1001SS Datasheet HTML 1Page - Sensitron SDA1001SS Datasheet HTML 2Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
DATASHEET 5324, Rev -
©2013 Sensitron Semiconductor  221 West Industry Court  Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798  www.sensitron.com  sales@sensitron.com
SDA1001SS
Diode Array
 Each leg has two 1N5806 diodes for redundancy
 Die manufactured on qualified JANS line
 Devices Are Serialized
 Built And Screened To Space Level Quality
 Space Quality Level Conformance Testing Is Performed On Each Lot
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All rating at are TA = 25
OC unless otherwise specified
RATING
SYMBOL
MAX
UNIT
Peak Inverse Voltage (DC)
PIV
300
V
Average DC Output Current per leg *
TA = 55
oC
TA = 100
oC
IO
1.0
0.75
A
Peak Single Cycle Surge Current per leg **
(Tp=8.3ms single half-Sine wave)
Ifsm
10
A
Max. Operating Junction Temperature
TJ
-55 to +150
oC
Max. Operating Ambient Temperature
TOP
-30 to 100
oC
Storage Temperature Range
Tstg
-65 to +175
oC
Maximum forward voltage @ 1A
Vf
2.0
V
Maximum Instantaneous Reverse Current At
Rated (PIV)
TA= 25
oC
TA = 100
oC
1
50
A
Max. Reverse Recovery Time IF =0.5 A, IR=
1.0A, IRR =0.25A
trr
25
ns
Thermal Resistance Junction to Case
JC
13
oC/W
Note * - Total current is package dissipation limited to 3A
Note ** - Surge rating is limited by package wirebond
Electrical Schematic
PIN 1


Similar Part No. - SDA1001SS

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
SDA1000 RFMD-SDA1000 Datasheet
1Mb / 7P
   GaAs Distributed Amplifier
logo
Solid States Devices, I...
SDA10000 SSDI-SDA10000 Datasheet
205Kb / 2P
   5 AMP RECITIFIER ASSEMBLY
SDA10000 SSDI-SDA10000 Datasheet
105Kb / 2P
   STANDARD RECOVERY HIGH VOLTAGE RECTIFIER
SDA10000 SSDI-SDA10000 Datasheet
110Kb / 2P
   HIGH VOLTAGE RECTIFIER
SDA10000F SSDI-SDA10000F Datasheet
55Kb / 2P
   0.5 AMPS 2.5kV thru 25kV FAST RECOVERY RECTIFIER ASSEMBLY
More results

Similar Description - SDA1001SS

ManufacturerPart #DatasheetDescription
logo
Sensitron
SDA1002SS SENSITRON-SDA1002SS Datasheet
214Kb / 2P
   DIODE ARRAY
SCP-4644 SENSITRON-SCP-4644 Datasheet
36Kb / 2P
   Diode Array
logo
Intersil Corporation
CA3039 INTERSIL-CA3039 Datasheet
27Kb / 4P
   Diode Array
November 1996
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1 Datasheet
51Kb / 5P
   DIODE ARRAY
logo
New Jersey Semi-Conduct...
1N6101 NJSEMI-1N6101 Datasheet
82Kb / 1P
   Diode Array
logo
Sensitron
SDA1003SS SENSITRON-SDA1003SS Datasheet
214Kb / 2P
   DIODE ARRAY
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1_07 Datasheet
118Kb / 8P
   Diode Array
logo
Solid States Devices, I...
RS0217 SSDI-RS0217 Datasheet
170Kb / 2P
   DIODE ARRAY
logo
Intersil Corporation
CA3039 INTERSIL-CA3039_00 Datasheet
78Kb / 4P
   Diode Array
logo
Sensitron
SDA1004 SENSITRON-SDA1004 Datasheet
159Kb / 3P
   DIODE ARRAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com