Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2BA6936A-03F Datasheet(PDF) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

Part # 2BA6936A-03F
Description  SMD Balun Transformers
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACCETEK [Accetek Electronics (Shenzhen) Co., Ltd.]
Direct Link  http://www.accetek.com/
Logo ACCETEK - Accetek Electronics (Shenzhen) Co., Ltd.

2BA6936A-03F Datasheet(HTML) 2 Page - Accetek Electronics (Shenzhen) Co., Ltd.

  2BA6936A-03F Datasheet HTML 1Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA6936A-03F Datasheet HTML 2Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA6936A-03F Datasheet HTML 3Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA6936A-03F Datasheet HTML 4Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA6936A-03F Datasheet HTML 5Page - Accetek Electronics (Shenzhen) Co., Ltd. 2BA6936A-03F Datasheet HTML 6Page - Accetek Electronics (Shenzhen) Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
 
 
 
2 
2BA Series
SMD Balun Transformers
Accetek Electronics (Shenzhen) Co., Ltd.                        www.accetek.com                                        Ver.:2BA‐2014A
Accetek 
D SPECIFICATIONS
Winding
Part Number
Conection detail
Turns
μiac
Applications
Drawing Fig.
Conection
2BA5532A-02F
1-6=2-4=2-6=3-4
2.5 T
300
Transformer for Frequency Mixer
A
2
3
1
4
6
2BA5532A-03F
1-6=2-4=2-6=3-4
3.5 T
300
Transformer for Frequency Mixer
A
2BA5532A-04F
1-6=2-4=2-6=3-4
4.5 T
300
Transformer for Frequency Mixer
A
2BA5532A-05F
1-6=2-4=2-6=3-4
5.5 T
300
Transformer for Frequency Mixer
A
2BA6936A-02F
1-6=2-4=2-6=3-4
2.5 T
300
Transformer for Frequency Mixer
C
2BA6936A-03F
1-6=2-4=2-6=3-4
3.5 T
300
Transformer for Frequency Mixer
C
2BA6936A-04F
1-6=2-4=2-6=3-4
4.5 T
300
Transformer for Frequency Mixer
C
2BA6944A-02F
1-6=2-4=2-6=3-4
2.5 T
300
Transformer for Frequency Mixer
D
2BA6944A-03F
1-6=2-4=2-6=3-4
3.5 T
300
Transformer for Frequency Mixer
D
2BA6944A-04F
1-6=2-4=2-6=3-4
4.5 T
300
Transformer for Frequency Mixer
D
2BA5532B-02F
1-2=2-3=4-6
2 T
300
Transformer for Frequency Mixer
A
2
3
1
4
6
2BA5532B-03F
1-2=2-3=4-6
3 T
300
Transformer for Frequency Mixer
A
2BA5532B-04F
1-2=2-3=4-6
4 T
300
Transformer for Frequency Mixer
A
2BA5532B-05F
1-2=2-3=4-6
5 T
300
Transformer for Frequency Mixer
A
2BA6936B-02F
1-2=2-3=4-6
2 T
300
Transformer for Frequency Mixer
C
2BA6936B-03F
1-2=2-3=4-6
3 T
300
Transformer for Frequency Mixer
C
2BA6936B-04F
1-2=2-3=4-6
4 T
300
Transformer for Frequency Mixer
C
2BA6944B-02F
1-2=2-3=4-6
2 T
300
Transformer for Frequency Mixer
D
2BA6944B-03F
1-2=2-3=4-6
3 T
230
Transformer for Frequency Mixer
D
2BA6944B-04F
1-2=2-3=4-6
4 T
230
Transformer for Frequency Mixer
D
2BA6944B-05F
1-2=2-3=4-6
5 T
230
Transformer for Frequency Mixer
D
2BA6944B-0306F
1-2=2-3;4-6
3T;6T
230
Transformer for Frequency Mixer
D
2BA5532C-02F
1-6=3-4
2.5 T
300
Balun Transformer
A
2
3
1
4
6
2BA5532C-03F
1-6=3-4
3.5 T
300
Balun Transformer
A
2BA5532C-04F
1-6=3-4
4.5 T
300
Balun Transformer
A
2BA5532C-05F
1-6=3-4
5.5 T
300
Balun Transformer
A
2BA5532CA-02F
1-6=3-4
2.5 T
1500
Balun Transformer
A
2BA5532CA-03F
1-6=3-4
3.5 T
1500
Balun Transformer
A
2BA5532CA-04F
1-6=3-4
4.5 T
1500
Balun Transformer
A
2BA5532CA-05F
1-6=3-4
5.5 T
1500
Balun Transformer
A
2BA6936C-02F
1-6=3-4
2.5 T
300
Balun Transformer
C
2BA6936C-03F
1-6=3-4
3.5 T
300
Balun Transformer
C
2BA6936C-04F
1-6=3-4
4.5 T
300
Balun Transformer
C
2BA6936C-05F
1-6=3-4
5.5 T
300
Balun Transformer
C
2BA5532D-0302F
1-2;2-3;4-5=5-6
1T;3T;2T
300
Distributor
B
2
3
1
4
6
5
2BA5532D-0403F
1-2;2-3;4-5=5-6
1T;3T;2T
300
Distributor
B
2BA5532DA-0302F
1-2;2-3;4-5=5-6
1T;3T;2T
1500
Distributor
B
2BA5532DA-0403F
1-2;2-3;4-5=5-6
1T;3T;2T
1500
Distributor
B
2BA5532E-02F
1-6=3-4;2-4=2-6
0.5T;2.5T
300
Splitters,Directional Coupler
A
2
3
1
4
6
2BA5532E-03F
1-6=3-4;2-4=2-6
0.5T;3.5T
300
Splitters,Directional Coupler
A
2BA5532E-04F
1-6=3-4;2-4=2-6
0.5T;4.5T
300
Splitters,Directional Coupler
A
2BA5532E-05F
1-6=3-4;2-4=2-6
0.5T;5.5T
300
Splitters,Directional Coupler
A
2BA6944E-03F
1-6=3-4;2-4=2-6
0.5T;3.5T
300
Splitters,Directional Coupler
D
2BA6944E-04F
1-6=3-4;2-4=2-6
0.5T;4.5T
300
Splitters,Directional Coupler
D
2BA6944E-05F
1-6=3-4;2-4=2-6
0.5T;5.5T
300
Splitters,Directional Coupler
D


Similar Part No. - 2BA6936A-03F

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
2BA POMONA-2BA Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
2BA-18 POMONA-2BA-18 Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
2BA-24 POMONA-2BA-24 Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
2BA-36 POMONA-2BA-36 Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
2BA-48 POMONA-2BA-48 Datasheet
42Kb / 1P
   Double Banana Plug Both Ends Cable Assembly
More results

Similar Description - 2BA6936A-03F

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ATB3225-75011CT TDK-ATB3225-75011CT_16 Datasheet
173Kb / 13P
   Balun Transformers Wound SMD
ATB2012-50011-T000 TDK-ATB2012-50011-T000 Datasheet
168Kb / 13P
   Balun Transformers Wound SMD
logo
MPS Industries, Inc.
R36560 MPSIND-R36560 Datasheet
611Kb / 2P
   BALUN TRANSFORMERS
logo
TDK Electronics
ATB2012-75011 TDK-ATB2012-75011 Datasheet
168Kb / 13P
   Balun Transformers
logo
Pulse A Technitrol Comp...
CX2142NL PULSE-CX2142NL Datasheet
178Kb / 2P
   BALUN TRANSFORMERS
logo
TOKO, Inc
B5FL TOKO-B5FL Datasheet
149Kb / 1P
   Balun Transformers
616DB-1191 TOKO-616DB-1191 Datasheet
178Kb / 1P
   Balun Transformers
logo
XFMRS Inc.
XFWB1194 XFMRS-XFWB1194 Datasheet
37Kb / 1P
   BALUN TRANSFORMERS
logo
TOKO, Inc
B4F TOKO-B4F Datasheet
194Kb / 2P
   Balun Transformers
617DB-1653 TOKO-617DB-1653 Datasheet
290Kb / 2P
   Balun Transformers
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com