Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBR1002A Datasheet(PDF) 1 Page - Sensitron

Part # SBR1002A
Description  THREE PHASE FULL WAVE RECTIFIER ASSEMBLY WITH AISIC TECHNOLOGY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SBR1002A Datasheet(HTML) 1 Page - Sensitron

  SBR1002A Datasheet HTML 1Page - Sensitron SBR1002A Datasheet HTML 2Page - Sensitron SBR1002A Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
©2013 Sensitron Semiconductor
 221 West Industry Court  Deer Park, NY 11729-4681
Phone (631) 586 7600 Fax (631) 242 9798
 www.sensitron.com  sales@sensitron.com 
SENSITRON
________
SEMICONDUCTOR
TECHNICAL DATA
DATASHEET 5378, REV. C
THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY WITH
AlSiC TECHNOLOGY
DESCRIPTION: 1400 V, 45 A, 850 nsec THREE PHASE BRIDGE RECTIFIER ASSEMBLY
MAX. RATINGS / ELECTRICAL CHARACTERISTICS
All ratings are at TA = 25
oC unless otherwise specified.
RATING
CONDITIONS
MIN
TYP
MAX
UNIT
Non-Repetitive Peak Inverse
Voltage (PIV)
TJ = -55
oC
1400
-
-
Vdc
Repetitive Peak Inverse Voltage
(PIV)
TJ = -40
oC
1400
-
-
Vdc
Average DC Output Current
(TC = Case Temp) (Io)
TC = 55
oC
TC = 100
oC
TC = 125
oC
-
-
45
28
16
A
Average DC Output Current
(TA = Ambient Temp)
(no heat sink) (Io)
TA = 25
oC
TA = 55
OC
TA = 100
OC
-
-
8.0
5.0
2.5
A
Peak Single Cycle Surge Current
(IFSM)
t =1.25ms single
square wave
TC = 25°C
TC =150°C
t = 8.3ms 60Hz single
pulse sine wave
TC =25°C
TC =150°C
400
700
570
325
A
Energy Rating I
2t
T =1.25ms single
square wave
TC = 25°C
TC =150°C
612
405
A
2s
Junction temperature
Case temperature
Material temperature
TJ
TOP
TSTG
-55
-55
-55
+175
+150
+150
0C
Maximum Forward Voltage (VF)
(300
s pulse, duty cycle < 2%)
TC = 25
0C, I
F = 9A
TC = 25
0C, I
F = 45A
TC = 125
0C, I
F = 9A
TC = 125
0C, I
F = 45A
-
-
1.30
1.90
1.15
1.85
V
Maximum Instantaneous Reverse
Current at Rated PIV
TA = 25
0C
TA = 100
0C
-
-
10
100
A
Reverse Recovery Time (tRR)
IF = 0.5A, IR = 1.0A,
IRR = 0.25A, TC = 25
0C
-
-
850
nsec
Junction Capacitance (CJ)
VR =100V, f= 1MHz
-
40
-
pF
Thermal Resistance (
JL)
Per Leg
-
-
4.0
C/W
SBR1002A


Similar Part No. - SBR1002A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SBR1002 SENSITRON-SBR1002 Datasheet
173Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY WITH AISIC TECHNOLOGY
More results

Similar Description - SBR1002A

ManufacturerPart #DatasheetDescription
logo
Sensitron
SBR1003 SENSITRON-SBR1003 Datasheet
275Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY WITH AISIC TECHNOLOGY
SBR1002 SENSITRON-SBR1002 Datasheet
173Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY WITH AISIC TECHNOLOGY
SL30340S7 SENSITRON-SL30340S7 Datasheet
282Kb / 4P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
SL30380 SENSITRON-SL30380 Datasheet
282Kb / 4P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424CA SENSITRON-S424CA Datasheet
48Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A310FR SENSITRON-S10A310FR Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A340FR SENSITRON-S10A340FR Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S25A360 SENSITRON-S25A360 Datasheet
268Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424GH SENSITRON-S424GH Datasheet
54Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A320S7 SENSITRON-S10A320S7 Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com