Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S10A310FR Datasheet(PDF) 2 Page - Sensitron

Part # S10A310FR
Description  THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

S10A310FR Datasheet(HTML) 2 Page - Sensitron

  S10A310FR Datasheet HTML 1Page - Sensitron S10A310FR Datasheet HTML 2Page - Sensitron S10A310FR Datasheet HTML 3Page - Sensitron  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SENSITRON________ _
SEMICONDUCTOR
TECHNICAL DATA
DATA SHEET 5417, REV. A
©2014 Sensitron Semiconductor
 221 West Industry Court  Deer Park, NY 11729-4681
(631) 586-7600 FAX (631) 242-9798
 www.sensitron.com  sales@sensitron.com
S424xx
S10A305FR, S10A305HE, S10A310FR, S10A310HE,
S10A315HE, S10A320, S10A320FR, S10A320S7, S10A340,
S10A340FR, S10A340S7, S10A360, S10A360FR, S10A360S7,
S10A380, S10A3100, S10A3100FR
TYPE
NUMBER
PEAK
INVERSE
VOLTAGE
(PER LEG)
MAX.
AVERAGE DC
OUTPUT
CURRENT
PEAK
1 CYCLE
SURGE
CURRENT
tp = 8.3 msec
(PER LEG)
MAX.
FORWARD
VOLTAGE
DROP
(PER LEG)
MAX.
REVERSE
CURRENT
Ir @ PIV
(PER LEG)
(µA)
MAX.
THERMAL
RESISTANCE
RJC
(PER LEG)
MAX.
REVERSE
REC. TIME
(PERLEG)
IF = 0.5A,
IR = 1.0A,
TRR = 0.25A
Volts
55ºC
100ºC
Amps
Volts
Amps
25ºC
100ºC
ºC/W
ns
S10A360FR
600
10
7
80
1.60
9
5
100
1.7
180
S10A360S7
600
9
6.3
80
1.75
9
5
100
2.5
85
S10A380
800
11
8
80
1.40
9
5
100
1.7
5000
S10A3100
1000
11
8
80
1.40
9
5
100
1.7
5000
S10A3100FR
1000
9
6.3
80
1.75
9
5
100
2.5
180
MECHANICAL DIMENSIONS: In Inches / mm
CAT. 410
CASE: Black anodized
POTTING SURFACE: Uncontrolled
AC AC AC
+
AC
AC
AC
+
.34
.28
(8.64
7.11)
4-40 UNC
(2 Places)
.765 (19.43)
.41
.35
(10.41
8.89)
.34
.28
(8.64
7.11)
1.25 (31.75)
.22
.16
(5.59
4.06)
1.062
(26.98)
.50(12.70)
Max
.300(7.62 ) Max
.095 (2.41)
.109 (2.77)
.070 (1.78)
.31
.25
(7.87
6.35)


Similar Part No. - S10A310FR

ManufacturerPart #DatasheetDescription
logo
Sensitron
S10A3100 SENSITRON-S10A3100 Datasheet
61Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S10A3100FR SENSITRON-S10A3100FR Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A310HE SENSITRON-S10A310HE Datasheet
61Kb / 3P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
S10A310HE SENSITRON-S10A310HE Datasheet
50Kb / 2P
   THREE PHASE FULL WAVE BRIDGE RECTIFIER ASSEMBLY
More results

Similar Description - S10A310FR

ManufacturerPart #DatasheetDescription
logo
Sensitron
SL30340S7 SENSITRON-SL30340S7 Datasheet
282Kb / 4P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
SL30380 SENSITRON-SL30380 Datasheet
282Kb / 4P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424CA SENSITRON-S424CA Datasheet
48Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A340FR SENSITRON-S10A340FR Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S25A360 SENSITRON-S25A360 Datasheet
268Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S424GH SENSITRON-S424GH Datasheet
54Kb / 2P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S10A320S7 SENSITRON-S10A320S7 Datasheet
264Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S25A305 SENSITRON-S25A305 Datasheet
268Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S25A320 SENSITRON-S25A320 Datasheet
268Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
S25A320FR SENSITRON-S25A320FR Datasheet
268Kb / 3P
   THREE PHASE FULL WAVE RECTIFIER ASSEMBLY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com