Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS25251 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PS25251
Description  EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADVANCE INFORMATION
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PS25251 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PS25251 Datasheet HTML 1Page - List of Unclassifed Manufacturers PS25251 Datasheet HTML 2Page - List of Unclassifed Manufacturers PS25251 Datasheet HTML 3Page - List of Unclassifed Manufacturers PS25251 Datasheet HTML 4Page - List of Unclassifed Manufacturers PS25251 Datasheet HTML 5Page - List of Unclassifed Manufacturers PS25251 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
PS25251
Data Sheet 291766 Issue 3
Plessey Semiconductors Ltd.
Design & Technology Centre, Delta 500, Delta Business Park, Great Western Way, Swindon, UK SN5 7XE
Tel: +44 1793 518000
Fax: +44 1793 518030
Web: www.plesseysemi.com
2
ELECTRICAL CHARACTERISTICS
Tamb = -25°C to +75°C,Vdd/Vss ±2.4V to ±5.5V. The electrical characteristics are guaranteed by either production
test or by design and characterisation. They apply within the specified ambient temperature and supply voltage
unless otherwise stated.
Value
Characteristics
Min.
Typ.
Max.
Units
Conditions
Supply voltage
±2.4
±5.5
V
Bipolar supply, Gnd=0V
Supply current
0.6
2.0
3.5
mA
Effective input resistance
20
G
Effective input capacitance
15
pF
Primary Output Voltage Gain (Av)
47.5
50
52.5
@1kHz
Coupling capacitance
250
pF
Sensor to skin
Guard Output voltage gain
0.95
1.0
1.05
@1kHz
Lower -3dB point
0.20
Hz
Set by internal DC signal rejection
network – coupling capacitor 250pF
Upper -3dB point
4.0
kHz
0.2Hz
10kHz
-3dB
0.2Hz
10kHz
-3dB
Fig. 3 Typical Bode Plot for EPIC ECG Sensor


Similar Part No. - PS25251

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS25251 ETC2-PS25251 Datasheet
368Kb / 6P
   EPIC Ultra High Impedance ECG Sensor
More results

Similar Description - PS25251

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS25202 ETC2-PS25202 Datasheet
587Kb / 6P
   EPIC Ultra High Impedance ECG Sensor Advance Information
PS25204 ETC1-PS25204 Datasheet
588Kb / 6P
   EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADVANCE INFORMATION
PS25102 ETC1-PS25102 Datasheet
309Kb / 5P
   EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADVANCE INGORMATION
PS25101 ETC1-PS25101 Datasheet
304Kb / 5P
   EPIC ULTRA HIGH IMPEDANCE ECG SENSOR ADBANCE INFORMATION
PS25402 ETC1-PS25402 Datasheet
407Kb / 4P
   EPIC ULTRA HIGH IMPEDANCE MOVEMENT SENSOR ADVANCE INFORMATION
PS25451 ETC1-PS25451 Datasheet
290Kb / 5P
   EPIC ULTRA HIGH IMPEDANCE MOVEMENT SENSOR ADVANCE INFORMATION
PS25102 ETC2-PS25102 Datasheet
309Kb / 5P
   EPIC Ultra High Impedance ECG Sensor
PS25251 ETC2-PS25251 Datasheet
368Kb / 6P
   EPIC Ultra High Impedance ECG Sensor
PS25101 ETC2-PS25101 Datasheet
304Kb / 5P
   EPIC Ultra High Impedance ECG Sensor
PS25204 ETC2-PS25204 Datasheet
588Kb / 6P
   EPIC Ultra High Impedance ECG Sensor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com