Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLW114050 Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # PLW114050
Description  MAGIC LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

PLW114050 Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button PLW114050 Datasheet HTML 6Page - List of Unclassifed Manufacturers PLW114050 Datasheet HTML 7Page - List of Unclassifed Manufacturers PLW114050 Datasheet HTML 8Page - List of Unclassifed Manufacturers PLW114050 Datasheet HTML 9Page - List of Unclassifed Manufacturers PLW114050 Datasheet HTML 10Page - List of Unclassifed Manufacturers PLW114050 Datasheet HTML 11Page - List of Unclassifed Manufacturers PLW114050 Datasheet HTML 12Page - List of Unclassifed Manufacturers PLW114050 Datasheet HTML 13Page - List of Unclassifed Manufacturers PLW114050 Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
PLW114050 Series | Advanced Datasheet
Datasheet No 292576 Issue 5
Page 11 of 11
26/03/2014
Package Outline Dimensions
Figure 9. Mechanical drawings of the 3020 package
Notes:
1.
All dimensions are in mm [inches]
2.
All dimensions are to a tolerance of ±0.15mm (±0.006 inches)
Recommended Solder Pad
Figure 10. Diagram of soldering pad in mm [inches]
Note: Increased PCB Cu area will reduce the Tj and increase reliability


Similar Part No. - PLW114050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLW114050 ETC2-PLW114050 Datasheet
260Kb / 3P
   Thermal Management
More results

Similar Description - PLW114050

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PLB010330 ETC1-PLB010330 Datasheet
385Kb / 5P
   MAGIC LED
PLW11A090 ETC1-PLW11A090 Datasheet
520Kb / 11P
   MAGIC LED
PLB113020 ETC1-PLB113020 Datasheet
420Kb / 6P
   MAGIC LED
PLB114050 ETC1-PLB114050 Datasheet
646Kb / 11P
   MAGIC LED
PLB138003 ETC1-PLB138003 Datasheet
634Kb / 11P
   MAGIC LED
PLW138003 ETC1-PLW138003 Datasheet
711Kb / 11P
   MAGIC LED
PLB010050 ETC1-PLB010050 Datasheet
275Kb / 5P
   MAGIC LED
PLB010003 ETC1-PLB010003 Datasheet
324Kb / 6P
   MAGIC LED
PLW111020 ETC1-PLW111020 Datasheet
789Kb / 13P
   MAGIC LED
PLB11A090 ETC1-PLB11A090 Datasheet
584Kb / 9P
   MAGIC LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com