Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVT211DMTR2G Datasheet(PDF) 8 Page - ON Semiconductor

Part # NVT211DMTR2G
Description  1C Temperature Monitor with Series Resistance Cancellation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVT211DMTR2G Datasheet(HTML) 8 Page - ON Semiconductor

Back Button NVT211DMTR2G Datasheet HTML 4Page - ON Semiconductor NVT211DMTR2G Datasheet HTML 5Page - ON Semiconductor NVT211DMTR2G Datasheet HTML 6Page - ON Semiconductor NVT211DMTR2G Datasheet HTML 7Page - ON Semiconductor NVT211DMTR2G Datasheet HTML 8Page - ON Semiconductor NVT211DMTR2G Datasheet HTML 9Page - ON Semiconductor NVT211DMTR2G Datasheet HTML 10Page - ON Semiconductor NVT211DMTR2G Datasheet HTML 11Page - ON Semiconductor NVT211DMTR2G Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
NVT211
http://onsemi.com
8
LOW-PASS FILTER
fC = 65 kHz
REMOTE
SENSING
TRANSISTOR
BIAS
DIODE
D+
D−
VDD
IBIAS
I
N1 × I
VOUT+
VOUT−
To ADC
N2 × I
C1*
*CAPACITOR C1 IS OPTIONAL. IT IS ONLY NECESSARY IN NOISY ENVIRONMENTS. C1 = 1,000 pF MAX.
Figure 14. Input Signal Conditioning
Temperature Measurement Results
The results of the local and remote temperature
measurements are stored in the local and remote temperature
value registers and compared with limits programmed into
the local and remote high and low limit registers.
The local temperature value is in Register 0x00 and has a
resolution of 1
°C. The external temperature value is stored
in two registers, with the upper byte in Register 0x01 and the
lower byte in Register 0x10. Only the two MSBs in the
external temperature low byte are used giving the external
temperature measurement a resolution of 0.25
°C. Table 5
lists the data format for the external temperature low byte.
Table 5. EXTENDED TEMPERATURE RESOLUTION
(REMOTE TEMPERATURE LOW BYTE)
Extended Resolution
Remote Temperature
Low Byte
0.00°C
0 000 0000
0.25°C
0 100 0000
0.50°C
1 000 0000
0.75°C
1 100 0000
When reading the full external temperature value, read the
LSB first. This causes the MSB to be locked (that is, the
ADC does not write to it) until it is read. This feature ensures
that the results read back from the two registers come from
the same measurement.
Temperature Measurement Range
The temperature measurement range for both internal and
external measurements is, by default, 0
°C to +127°C.
However, the NVT211 can be operated using an extended
temperature range. The extended measurement range is
−64
°C to +191°C. Therefore, the NVT211 can be used to
measure the full temperature range of an external diode,
from −55
°C to +150°C.
The extended temperature range is selected by setting
Bit 2 of the configuration register to 1. The temperature
range is 0
°C to 127°C when Bit 2 equals 0. A valid result is
available in the next measurement cycle after changing the
temperature range.
In extended temperature mode, the upper and lower
temperature that can be measured by the NVT211 is limited
by the remote diode selection. The temperature registers can
have values from −64
°C to +191°C. However, most
temperature sensing diodes have a maximum temperature
range of −55
°C to +150°C. Above +150°C, they may lose
their semiconductor characteristics and approximate
conductors instead. This results in a diode short. In this case,
a read of the temperature result register gives the last good
temperature measurement. Therefore, the temperature
measurement on the external channel may not be accurate
for temperatures that are outside the operating range of the
remote sensor.
It should be noted that although both local and remote
temperature measurements can be made while the part is in
extended temperature mode, the NVT211 itself should not
be exposed to temperatures greater than those specified in
the absolute maximum ratings section. Further, the device is
only guaranteed to operate as specified at ambient
temperatures from −40
°C to +120°C.
Temperature Data Format
The NVT211 has two temperature data formats. When the
temperature measurement range is from 0
°C to 127°C
(default), the temperature data format for both internal and
external temperature results is binary. When the
measurement range is in extended mode, an offset binary
data format is used for both internal and external results.
Temperature values are offset by 64
°C in the offset binary
data format. Examples of temperatures in both data formats
are shown in Table 6.


Similar Part No. - NVT211DMTR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVT210 ONSEMI-NVT210 Datasheet
331Kb / 20P
   1C Temperature Monitor with Series Resistance Cancellation
May, 2013 ??Rev. 7
NVT210 ONSEMI-NVT210 Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NVT210CDM3R2G ONSEMI-NVT210CDM3R2G Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NVT210CMTR2G ONSEMI-NVT210CMTR2G Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NVT210DDM3R2G ONSEMI-NVT210DDM3R2G Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com