Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVT211 Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVT211
Description  1C Temperature Monitor with Series Resistance Cancellation
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVT211 Datasheet(HTML) 1 Page - ON Semiconductor

  NVT211 Datasheet HTML 1Page - ON Semiconductor NVT211 Datasheet HTML 2Page - ON Semiconductor NVT211 Datasheet HTML 3Page - ON Semiconductor NVT211 Datasheet HTML 4Page - ON Semiconductor NVT211 Datasheet HTML 5Page - ON Semiconductor NVT211 Datasheet HTML 6Page - ON Semiconductor NVT211 Datasheet HTML 7Page - ON Semiconductor NVT211 Datasheet HTML 8Page - ON Semiconductor NVT211 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
© Semiconductor Components Industries, LLC, 2013
December, 2013 − Rev. 0
1
Publication Order Number:
NVT211/D
NVT211
+15C Temperature Monitor
with Series Resistance
Cancellation
The NVT211 is a dual-channel digital thermometer and
undertemperature/overtemperature alarm, intended for use in thermal
management systems. It is register-compatible with the NCT1008 and
NCT72. A feature of the NVT211 is series resistance cancellation,
where up to 1.5 k
W (typical) of resistance in series with the temperature
monitoring diode can be automatically cancelled from the temperature
result, allowing noise filtering. The NVT211 has a configurable ALERT
output and an extended, switchable temperature measurement range.
The NVT211 can measure the temperature of a remote thermal diode
accurate to
±1°C and the ambient temperature accurate to ±3°C. The
temperature measurement range defaults to 0
°C to +127°C, compatible
with the NCT1008 and NCT72, but it can be switched to a wider
measurement range of −64
°C to +191°C.
The NVT211 communicates over a 2-wire serial interface,
compatible with system management bus (SMBus/I2C) standards. The
default SMBus/I2C address of the NVT211 is 0x4C. An NVT211D is
available with an SMBus/I2C address of 0x4D. This is useful if more
than one NVT211 is used on the same SMBus/I2C.
An ALERT output signals when the on-chip or remote temperature is
out of range. The THERM output is a comparator output that allows
on/off control of a cooling fan. The ALERT output can be reconfigured
as a second THERM output, if required.
The NVT211 has been through Automotive Qualification according to
AEC−Q100 Grade 1 standards.
Features
On-chip and Remote Temperature Sensor
0.25°C Resolution/1°C Accuracy on Remote Channel
1°C Resolution/1°C Accuracy on Local Channel
Series Resistance Cancellation Up to 1.5 kW
Extended, Switchable Temperature Measurement Range
0
°C to +127°C (Default) or –64°C to +191°C
Register-compatible with NCT1008 and NCT72
2-wire SMBus/I2C Serial Interface with SMBus Alert Support
Programmable Over/Undertemperature Limits
Offset Registers for System Calibration
Up to Two Overtemperature Fail-safe THERM Outputs
2 × 2 WDFN8 Package
240 mA Operating Current, 5 mA Standby Current
Automotive Qualification According to AEC−Q100, Grade 1
These are Pb−Free Devices
Applications
Automotive
Embedded Systems
MARKING DIAGRAM
http://onsemi.com
PIN ASSIGNMENT
See detailed ordering and shipping information in the package
dimensions section on page 18 of this data sheet.
ORDERING INFORMATION
(Top View)
VDD
D+
D−
THERM
SCLK
SDATA
ALERT/
THERM2
GND
1
Nx = Device Code (Where x = C or D)
M
= Date Code
G
= Pb-Free Package
(Note: Microdot may be in either location)
NxMG
G
1
WDFN8
MT SUFFIX
CASE 511AT
WDFN8


Similar Part No. - NVT211

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVT210 ONSEMI-NVT210 Datasheet
331Kb / 20P
   1C Temperature Monitor with Series Resistance Cancellation
May, 2013 ??Rev. 7
NVT210 ONSEMI-NVT210 Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NVT210CDM3R2G ONSEMI-NVT210CDM3R2G Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NVT210CMTR2G ONSEMI-NVT210CMTR2G Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
NVT210DDM3R2G ONSEMI-NVT210DDM3R2G Datasheet
303Kb / 20P
   Temperature Monitor
May, 2015 ??Rev. 8
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com