Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T491B227M004A2 Datasheet(PDF) 4 Page - Kemet Corporation

Part # T491B227M004A2
Description  SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T491B227M004A2 Datasheet(HTML) 4 Page - Kemet Corporation

  T491B227M004A2 Datasheet HTML 1Page - Kemet Corporation T491B227M004A2 Datasheet HTML 2Page - Kemet Corporation T491B227M004A2 Datasheet HTML 3Page - Kemet Corporation T491B227M004A2 Datasheet HTML 4Page - Kemet Corporation T491B227M004A2 Datasheet HTML 5Page - Kemet Corporation T491B227M004A2 Datasheet HTML 6Page - Kemet Corporation T491B227M004A2 Datasheet HTML 7Page - Kemet Corporation T491B227M004A2 Datasheet HTML 8Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
©KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
18
T491 RATINGS & PART NUMBER REFERENCE
SOLID TANTALUM CHIP CAPACITORS
T491 SERIES—Precision Molded Chip
(1)
To complete KEMET Part Number, insert M for ±20% tolerance or K for ±10% tolerance.
(2)
To complete KEMET Part Number, insert T, H, G, or S lead material designation as shown on page 15.
*Extended Values
**6 Volt product equivalent to 6.3 volt product.
#Maximum Capacitance Change @ 125ºC=+15%.
†Maximum Capacitance Change @ 125ºC=+20%.
Higher voltage ratings and tighter tolerance product may be substituted within the same
size at KEMET’s option. Voltage substitutions will be marked with the higher voltage rating.
Capaci-
tance
μF
Case
Size
KEMET
Part Number
DC
Leakage
Capaci-
tance
μF
Case
Size
KEMET
Part Number
DC
Leakage
@ +25°C
100 kHz
Max
100.0
10 Volt Rating at +85ºC (7 Volt Rating at +125ºC)
16 Volt Rating at +85ºC (10 Volt Rating at +125ºC)
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
μ
A @ 25ºC
Max
DF %
@ +25ºC
120 Hz
Max
ESR Ω
@ +25°C
100 kHz
Max
100.0
X
T491X107(1)016A(2)
16.0
8.0
0.7
†100.0
V
T491V107(1)016A(2)
16.0
12.0
0.7
#100.0
D
T491D107(1)016A(2)
16.0
8.0
0.7
#150.0
X
T491X157(1)016A(2)
24.0
8.0
0.5
#150.0
D
T491D157(1)016A(2)
24.0
12.0
0.7
#220.0
X
T491X227(1)016A(2)
35.2
10.0
0.5
#220.0
E
T491E227(1)016A(2)
35.2
7.2
0.9
0.47
R
T491R474(1)020A(2)
0.1
4.0
35.0
0.68
A
T491A684(1)020A(2)
0.5
4.0
12.0
1.0
A
T491A105(1)020A(2)
0.5
4.0
9.0
1.0
S
T491S105(1)020A(2)
0.5
6.0
18.0
#1.0
R
T491R105(1)020A(2)
0.5
6.0
20.0
1.5
A
T491A155(1)020A(2)
0.5
6.0
6.5
1.5
S
T491S155(1)020A(2)
0.5
6.0
15.0
2.2
B
T491B225(1)020A(2)
0.5
6.0
3.5
2.2
A
T491A225(1)020A(2)
0.5
0.6
7.0
2.2
R
T491R225(1)020A(2)
0.4
8.0
8.0
3.3
B
T491B335(1)020A(2)
0.7
6.0
3.0
#3.3
A
T491A335(1)020A(2)
0.7
6.0
4.5
3.3
T
T491T335(1)020A(2)
0.7
6.0
5.0
4.7
C
T491C475(1)020A(2)
1.0
6.0
2.4
4.7
B
T491B475(1)020A(2)
1.0
6.0
3.0
#4.7
A
T491A475(1)020A(2)
1.0
6.0
4.0
6.8
C
T491C685(1)020A(2)
1.4
6.0
1.9
6.8
U
T491U685(1)020A(2)
1.4
6.0
1.9
#6.8
B
T491B685(1)020A(2)
1.4
6.0
2.5
#6.8
A
T491A685M020A(2)
1.4
8.0
6.0
10.0
C
T491C106(1)020A(2)
2.0
6.0
1.8
10.0
U
T491U106(1)020A(2)
2.0
6.0
1.8
#10.0
B
T491B106(1)020A(2)
2.0
6.0
2.1
#10.0
A
T491A106M020A(2)
2.0
10.0
5.0
15.0
D
T491D156(1)020A(2)
3.0
6.0
1.0
15.0
C
T491C156(1)020A(2)
3.0
6.0
1.7
22.0
D
T491D226(1)020A(2)
4.4
6.0
0.8
22.0
V
T491V226(1)020A(2)
4.4
6.0
0.7
#22.0
C
T491C226(1)020A(2)
4.4
6.0
1.2
#22.0
B
T491B226(1)020A(2)
4.4
8.0
4.0
33.0
D
T491D336(1)020A(2)
6.6
6.0
0.8
#33.0
C
T491C336M020A(2)
6.6
6.0
1.2
†33.0
V
T491V336(1)020A(2)
6.6
8.0
0.7
47.0
C
T491C476M020A(2)
9.4
10.0
0.9
47.0
D
T491D476(1)020A(2)
9.4
6.0
0.7
68.0
X
T491X686(1)020A(2)
13.6
6.0
0.7
#68.0
D
T491D686(1)020A(2)
13.6
8.0
0.7
#100.0
X
T491X107(1)020A(2)
20.0
8.0
0.5
#100.0
E
T491E107(1)020A(2)
20.0
8.0
0.5
#150.0
X
T491X157(1)020A(2)
30.0
10.0
0.5
0.33
A
T491A334(1)025A(2)
0.5
4.0
15.0
0.47
A
T491A474(1)025A(2)
0.5
4.0
14.0
0.68
A
T491A684(1)025A(2)
0.5
4.0
10.0
1.0
B
T491B105(1)025A(2)
0.5
4.0
5.0
1.0
A
T491A105(1)025A(2)
0.5
4.0
8.0
1.0
S
T491S105(1)025A(2)
0.25
6.0
18.0
1.5
B
T491B155(1)025A(2)
0.5
6.0
5.0
1.5
A
T491A155(1)025A(2)
0.5
6.0
7.5
1.5
R
T491R155(1)025A(2)
0.4
8.0
8.0
2.2
C
T491C225(1)025A(2)
0.6
6.0
3.5
2.2
B
T491B225(1)025A(2)
0.6
6.0
4.5
3.3
C
T491C335(1)025A(2)
0.9
6.0
2.5
3.3
B
T491B335(1)025A(2)
0.9
6.0
3.5
4.7
C
T491C475(1)025A(2)
1.2
6.0
2.4
#4.7
B
T491B475(1)025A(2)
1.2
6.0
1.5
#4.7
A
T491A475M025A(2)
1.2
8.0
6.0
6.8
C
T491C685(1)025A(2)
1.7
6.0
1.9
6.8
B
T491B685(1)025A(2)
1.7
8.0
2.8
10.0
D
T491D106(1)025A(2)
2.5
6.0
1.0
10.0
C
T491C106(1)025A(2)
2.5
6.0
1.5
10.0
B
T491B106(1)025A(2)
2.5
8.0
3.0
15.0
D
T491D156(1)025A(2)
3.8
6.0
1.0
#15.0
C
T491C156(1)025A(2)
3.8
6.0
1.5
#15.0
B
T491B156(1)025A(2)
3.8
8.0
4.0
22.0
D
T491D226(1)025A(2)
5.5
6.0
0.8
22.0
C
T491C226(1)025A(2)
5.5
6.0
1.4
22.0
V
T491V226(1)025A(2)
5.5
6.0
0.7
33.0
X
T491X336(1)025A(2)
8.3
6.0
0.7
#33.0
D
T491D336(1)025A(2)
8.3
6.0
0.7
#33.0
C
T491C336(1)025A(2)
8.3
10.0
1.2
#47.0
X
T491X476(1)025A(2)
11.8
6.0
0.7
†47.0
D
T491D476(1)025A(2)
11.8
10.0
0.7
†68.0
X
T491X686M025A(2)
17.0
8.0
0.7
†68.0
D
T491D686M025A(2)
17.0
10.0
0.7
100.0
X
T491X107(1)025A(2)
25.0
8.0
0.3
16 Volt Rating at +85ºC (10 Volt Rating at +125ºC)
20 Volt Rating at +85ºC (13 Volt Rating at + 125ºC)
25 Volt Rating at +85ºC (17 Volt Rating at +125ºC)
Capaci-
tance
µF
Case
Size
KEMET
Part Number
DC
Leakage
μA @ 25ºC
Max
DF %
@ +25ºC
120 Hz
Max
ESR
Ω
@ +25°C
100 kHz
Max
22.0
C
T491C226(1)010A(2)
2.2
6.0
1.8
22.0
U
T491U226(1)010A(2)
2.2
6.0
1.8
#22.0
B
T491B226(1)010A(2)
2.2
6.0
2.4
#22.0
A
T491A226M010A(2)
2.2
10.0
6.0
#22.0
T
T491T226(1)010A(2)
2.2
12.0
8.0
33.0
D
T491D336(1)010A(2)
3.3
6.0
0.8
33.0
V
T491V336(1)010A(2)
3.3
6.0
0.7
33.0
C
T491C336(1)010A(2)
3.3
6.0
1.6
#33.0
U
T491U336(1)010A(2)
3.3
6.0
1.8
#33.0
B
T491B336(1)010A(2)
3.3
6.0
1.8
T
T491T336(1)010A(2)
3.3
24.0
5.0
#33.0
A
T491A336(1)010A(2)
3.3
15.0
6.0
47.0
D
T491D476(1)010A(2)
4.7
6.0
0.8
47.0
V
T491V476(1)010A(2)
4.7
6.0
0.7
#47.0
C
T491C476(1)010A(2)
4.7
6.0
1.2
#47.0
U
T491U476(1)010A(2)
4.7
10.0
2.2
#47.0
B
T491B476(1)010A(2)
4.7
8.0
1.0
68.0
D
T491D686(1)010A(2)
6.8
6.0
0.8
68.0
V
T491V686(1)010A(2)
6.8
6.0
0.7
#68.0
C
T491C686(1)010A(2)
6.8
6.0
1.2
#68.0
U
T491U686(1)010A(2)
6.8
10.0
1.8
#68.0
B
T491B686M010A(2)
6.8
10.0
3.0
100.0
D
T491D107(1)010A(2)
10.0
8.0
0.7
#100.0
C
T491C107(1)010A(2)
10.0
8.0
1.2
#100.0
V
T491V107(1)010A(2)
10.0
8.0
0.7
150.0
X
T491X157(1)010A(2)
15.0
8.0
0.7
#150.0
D
T491D157(1)010A(2)
15.0
8.0
0.7
#150.0
C
T491C157(1)010A(2)
15.0
10.0
0.9
#150.0
V
T491V157(1)010A(2)
15.0
8.0
0.7
#220.0
X
T491X227(1)010A(2)
22.0
8.0
0.5
#220.0
D
T491D227(1)010A(2)
22.0
8.0
0.5
#330.0
D
T491D337M010A(2)
33.0
10.0
0.5
#330.0
X
T491X337(1)010A(2)
33.0
10.0
0.5
#330.0
E
T491E337(1)010A(2)
33.0
10.0
0.5
#470.0
X
T491X477M010A(2)
47.0
10.0
0.2
#470.0
E
T491E477M010A(2)
47.0
12.0
0.5
1.0
A
T491A105(1)016A(2)
0.5
4.0
10.0
1.5
A
T491A155(1)016A(2)
0.5
6.0
8.0
2.2
A
T491A225(1)016A(2)
0.5
6.0
6.0
2.2
S
T491S225(1)016A(2)
0.5
6.0
15.0
#2.2
R
T491R225(1)016A(2)
0.5
8.0
25.0
3.3
B
T491B335(1)016A(2)
0.5
6.0
3.5
3.3
A
T491A335(1)016A(2)
0.5
6.0
5.0
4.7
C
T491C475(1)016A(2)
0.75
6.0
2.4
4.7
B
T491B475(1)016A(2)
0.8
6.0
3.5
4.7
A
T491A475(1)016A(2)
0.8
6.0
4.0
4.7
T
T491T475(1)016A(2)
0.8
6.0
5.0
6.8
C
T491C685(1)016A(2)
1.1
6.0
1.9
6.8
B
T491B685(1)016A(2)
1.1
6.0
2.5
#6.8
A
T491A685(1)016A(2)
1.1
6.0
3.5
10.0
C
T491C106(1)016A(2)
1.6
6.0
1.8
10.0
U
T491U106(1)016A(2)
1.6
6.0
1.8
10.0
B
T491B106(1)016A(2)
1.6
6.0
2.8
#10.0
A
T491A106(1)016A(2)
1.6
8.0
7.0
#10.0
T
T491T106(1)016A(2)
1.6
8.0
8.0
15.0
C
T491C156(1)016A(2)
2.4
6.0
1.8
15.0
U
T491U156(1)016A(2)
2.4
6.0
1.8
15.0
B
T491B156(1)016A(2)
2.4
6.0
2.5
#15.0
A
T491A156(1)016A(2)
2.4
8.0
3.5
22.0
D
T491D226(1)016A(2)
3.6
6.0
0.8
22.0
C
T491C226(1)016A(2)
3.6
6.0
1.6
#22.0
U
T491U226(1)016A(2)
3.6
10.0
3.0
#22.0
B
T491B226(1)016A(2)
3.6
6.0
2.2
33.0
D
T491D336(1)016A(2)
5.3
6.0
0.8
#33.0
C
T491C336(1)016A(2)
5.3
6.0
1.2
#33.0
U
T491U336(1)016A(2)
5.3
12.0
3.0
47.0
D
T491D476(1)016A(2)
7.5
6.0
0.8
47.0
V
T491V476(1)016A(2)
7.5
6.0
0.7
#47.0
C
T491C476(1)016A(2)
7.5
6.0
1.2
68.0
V
T491V686(1)016A(2)
10.9
6.0
0.7
68.0
D
T491D686(1)016A(2)
10.9
6.0
0.7
68.0
C
T491C686(1)016A(2)
10.9
12.0
1.2
10 Volt Rating at +85ºC (7 Volt Rating at +125ºC)
16 Volt Rating at +85ºC (10 Volt Rating at +125ºC)


Similar Part No. - T491B227M004A2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491B227M004A2 KEMET-T491B227M004A2 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors . Standard Tantalum T491 Series Industrial Grade MnO2
T491B227M004A2 KEMET-T491B227M004A2 Datasheet
2Mb / 24P
   Tantalum Surface Mount Capacitors ??Standard Tantalum T491 Industrial Grade MnO2 Series
More results

Similar Description - T491B227M004A2

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T491X107K016AS KEMET-T491X107K016AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491B226K006AS KEMET-T491B226K006AS Datasheet
725Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
T491C107K010AT KEMET-T491C107K010AT Datasheet
705Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS T491 SERIES - Precision Molded Chip
logo
Vishay Siliconix
292D336X06R3P2T VISHAY-292D336X06R3P2T Datasheet
129Kb / 8P
   Solid Tantalum Chip Capacitors, TANTAMOUNT® , Leadframeless Molded
Revision: 16-Sep-09
298D VISHAY-298D_08 Datasheet
213Kb / 11P
   Solid Tantalum Chip Capacitors MICROTAN™ Leadframeless Molded
Revision: 01-Sep-08
594D VISHAY-594D_17 Datasheet
313Kb / 20P
   Solid Tantalum Chip Capacitors
Revision: 21-Jun-17
logo
Cornell Dubilier Electr...
T491T156K004AS CDE-T491T156K004AS Datasheet
277Kb / 4P
   Solid Tantalum Chip Capacitors
logo
Vishay Siliconix
TM8 VISHAY-TM8_17 Datasheet
423Kb / 18P
   Solid Tantalum Chip Capacitors
Revision: 09-Mar-17
logo
Kemet Corporation
CWR11DB105MBA KEMET-CWR11DB105MBA Datasheet
672Kb / 5P
   SOLID TANTALUM CHIP CAPACITORS
T495 KEMET-T495 Datasheet
726Kb / 8P
   SOLID TANTALUM CHIP CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com